Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CGIP.25.4.A.02 Datasheet(PDF) 2 Page - Taoglas antenna solutions

Part # CGIP.25.4.A.02
Description  Wide Operation Band
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

CGIP.25.4.A.02 Datasheet(HTML) 2 Page - Taoglas antenna solutions

  CGIP.25.4.A.02 Datasheet HTML 1Page - Taoglas antenna solutions CGIP.25.4.A.02 Datasheet HTML 2Page - Taoglas antenna solutions CGIP.25.4.A.02 Datasheet HTML 3Page - Taoglas antenna solutions CGIP.25.4.A.02 Datasheet HTML 4Page - Taoglas antenna solutions CGIP.25.4.A.02 Datasheet HTML 5Page - Taoglas antenna solutions CGIP.25.4.A.02 Datasheet HTML 6Page - Taoglas antenna solutions CGIP.25.4.A.02 Datasheet HTML 7Page - Taoglas antenna solutions CGIP.25.4.A.02 Datasheet HTML 8Page - Taoglas antenna solutions CGIP.25.4.A.02 Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
SPE-11-8-132/H/WY
Page 2 of 18
1.Introduction
The Taoglas GPS/Iridium® CGIP.25 ceramic patch antenna is a low profile
(4mm), small footprint (25*25mm), single feed antenna designed for
combined Iridium®/GPS applications. It has been specifically designed to
provide excellent performance in the 1575.42 to 1626.5MHz range.
This ceramic patch offers a typical peak gain of 5dBi for GPS and Iridium®.
These patches are mounted via pin and double-sided adhesive.
While the antenna is certified, some antenna detuning or device or layout
issues* may prevent a device from passing Iridium® certification. Taoglas
offers performance testing and verification, as well as a custom tuning service
for the patch for a specific customer device and ground-plane mounting.
Taoglas can also pre-test the whole device for Iridium® certification. Please
Contact Us for any assistance required.
*Actual GPS/Iridium® system performance on a device is a function of the
overall system design of the device and environment where the device is used.
Use of even a tuned patch or any antenna on a compromised device design or
application will not guarantee good GPS/Iridium® performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com