Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SWLP.2450.10.4.A.02 Datasheet(PDF) 1 Page - Taoglas antenna solutions

Part # SWLP.2450.10.4.A.02
Description  Linearly Polarized
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

SWLP.2450.10.4.A.02 Datasheet(HTML) 1 Page - Taoglas antenna solutions

  SWLP.2450.10.4.A.02 Datasheet HTML 1Page - Taoglas antenna solutions SWLP.2450.10.4.A.02 Datasheet HTML 2Page - Taoglas antenna solutions SWLP.2450.10.4.A.02 Datasheet HTML 3Page - Taoglas antenna solutions SWLP.2450.10.4.A.02 Datasheet HTML 4Page - Taoglas antenna solutions SWLP.2450.10.4.A.02 Datasheet HTML 5Page - Taoglas antenna solutions SWLP.2450.10.4.A.02 Datasheet HTML 6Page - Taoglas antenna solutions SWLP.2450.10.4.A.02 Datasheet HTML 7Page - Taoglas antenna solutions SWLP.2450.10.4.A.02 Datasheet HTML 8Page - Taoglas antenna solutions SWLP.2450.10.4.A.02 Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
SPE-15-8-009/B/WY
Page 1 of 17
SPECIFICATION
PATENT PENDING
Part No.
: SWLP.2450.10.4.A.02
Product Name : 10mm Surface Mount 2.4 GHz Patch Antenna
Feature
: 2400 MHz to 2500 MHz SMT Ceramic Patch Antenna
Best solution for Bluetooth LE Wearable Applications
Works equally well on WIFI/WLAN/ISM/ZigBee
10*10*4mm
Tuned on a 12*16mm ground plane
Linearly Polarized
Patent Pending
RoHS Compliant


Similar Part No. - SWLP.2450.10.4.A.02

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
SWLP.2450.12.4.B.02 TAOGLAS-SWLP.2450.12.4.B.02 Datasheet
1Mb / 18P
rohs compliant
More results

Similar Description - SWLP.2450.10.4.A.02

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ850 AZETTLER-AZ850 Datasheet
72Kb / 2P
MICROMINIATURE POLARIZED RELAY
AZ852 AZETTLER-AZ852 Datasheet
230Kb / 3P
MICROMINIATURE POLARIZED RELAY
AZ8462 AZETTLER-AZ8462 Datasheet
162Kb / 3P
MICROMINIATURE POLARIZED RELAY
AZ8463 AZETTLER-AZ8463 Datasheet
147Kb / 3P
MICROMINIATURE POLARIZED RELAY
logo
Tyco Electronics
3-111623-1 MACOM-3-111623-1 Datasheet
204Kb / 1P
RECEPTACLE ASSY, POLARIZED
logo
Major League Electronic...
PSSHS-5-D MAJOR-LEAGUE-PSSHS-5-D Datasheet
101Kb / 2P
Polarized Socket
logo
Assmann Electronics Inc...
AK500-OE-12-6F ASSMANN-AK500-OE-12-6F Datasheet
141Kb / 1P
L- Polarized; N- No Polarized
logo
Johanson Technology Inc...
1575AT43A0040E JOHANSON-1575AT43A0040E Datasheet
637Kb / 10P
Tri-Band GPS, BDS, and GLNSS, Low Cost, Linearly Polarized, Omnidirectional Chip Antenna
logo
JSC ALFA.
AS3364 ALFA-AS3364 Datasheet
488Kb / 3P
Quad Voltage Linearly Controlled Amplifier (VCA)
logo
ON Semiconductor
NCP10970 ONSEMI-NCP10970 Datasheet
554Kb / 24P
High-Voltage Switcher with Linearly Regulated Output
March, 2020 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com