Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WPC.25B.35 Datasheet(PDF) 2 Page - Taoglas antenna solutions

Part # WPC.25B.35
Description  rohs compliant
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

WPC.25B.35 Datasheet(HTML) 2 Page - Taoglas antenna solutions

  WPC.25B.35 Datasheet HTML 1Page - Taoglas antenna solutions WPC.25B.35 Datasheet HTML 2Page - Taoglas antenna solutions WPC.25B.35 Datasheet HTML 3Page - Taoglas antenna solutions WPC.25B.35 Datasheet HTML 4Page - Taoglas antenna solutions WPC.25B.35 Datasheet HTML 5Page - Taoglas antenna solutions WPC.25B.35 Datasheet HTML 6Page - Taoglas antenna solutions WPC.25B.35 Datasheet HTML 7Page - Taoglas antenna solutions WPC.25B.35 Datasheet HTML 8Page - Taoglas antenna solutions WPC.25B.35 Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
SPE-14-8-113/D/WY
Page 2 of 10
1. Introduction
The WPC.25B 2.4 GHz Ceramic Patch Antenna is an excellent solution for Wi-Fi, ZigBee,
Bluetooth and ISM band at 2.4GHz. It has a PCB under the ceramic antenna with a MMCX
female mounted connector mounted to the back-side, allowing for simple installation in tight
device environments, and can be placed directly over metal ground-planes without
compromising performance.
The antenna can be stuck to the inside of a plastic enclosure by adding adhesive tape or glue.
Attaching a cable between the MMCX connector and device PCB completes the connection.
Taoglas offers many types of suitable cable assemblies from MMCX(M) to U.FL, MMCX(M) to
SMA, MMCX(M) to TNC, MMCX to Fakra, etc.
This passive patch antenna has a typical gain response from 2.5 dBi. The radiation pattern is
largely omnidirectional, with no distinct nulls, allowing for broad coverage area for wireless
applications. Higher gain can be achieved, depending on the ground-plane, the space
available, and clearance afforded. The antenna also delivers more than 70% efficiency across
the band. The WPC.25B.35’s high gain performance and excellent efficiency make it a perfect
solution for metering and remote monitoring applications. The ceramic used is robust and
reliable, can be used in automotive environments.
Many module manufacturers specify peak gain limits for any antennas that are to be
connected to that module. Those peak gain limits are based on free-space conditions. In
practice, the peak gain of an antenna tested in free-space can degrade by at least 1 or 2dBi
when put inside a device. So ideally you should go for a slightly higher peak gain antenna than
mentioned on the module specification to compensate for this effect, giving you better
performance.
Upon testing of any of our antennas with your device and a selection of appropriate layout,
integration technique, or cable, Taoglas can make sure any of our antennas’ peak gain will be
below the peak gain limits. Taoglas can then issue a specification and/or report for the



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com