Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFCT-5745Z Datasheet(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFCT-5745Z
Description  RoHS-6 Compliant
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFCT-5745Z Datasheet(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

Back Button AFCT-5745Z Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AFCT-5745Z Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AFCT-5745Z Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AFCT-5745Z Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AFCT-5745Z Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AFCT-5745Z Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AFCT-5745Z Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED AFCT-5745Z Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED AFCT-5745Z Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
7
Table 3. Individual Identifiers
AFCT-5745PZ
AFCT-5745APZ
AFCT-5745TPZ
AFCT-5745ATPZ
Address
Hex
Notes/
ASCII
Address
Hex
Notes/
ASCII
Address
Hex
Notes/
ASCII
Address Hex
Notes/
ASCII
4
11
SR-1
4
11
SR-1
4
12
IR-1
4
12
IR-1
14
02
2km
14
02
2km
14
0F
15km
14
0F
15km
15
14
2000m
15
14
2000m
15
96
15000m
15
96
15000m
49
50
P
49
41
A
49
54
T
49
41
A
50
5A
Z
50
50
P
50
50
P
50
54
T
51
20
51
5A
Z
51
5A
Z
51
50
P
52
20
52
20
52
20
52
5A
Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com