Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMX339HASD Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # LMX339HASD
Description  General-Purpose, Low-Voltage, Single/Dual/Quad, Tiny-Pack Comparators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

LMX339HASD Datasheet(HTML) 1 Page - Maxim Integrated Products

  LMX339HASD Datasheet HTML 1Page - Maxim Integrated Products LMX339HASD Datasheet HTML 2Page - Maxim Integrated Products LMX339HASD Datasheet HTML 3Page - Maxim Integrated Products LMX339HASD Datasheet HTML 4Page - Maxim Integrated Products LMX339HASD Datasheet HTML 5Page - Maxim Integrated Products LMX339HASD Datasheet HTML 6Page - Maxim Integrated Products LMX339HASD Datasheet HTML 7Page - Maxim Integrated Products LMX339HASD Datasheet HTML 8Page - Maxim Integrated Products LMX339HASD Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
General Description
The LMX331/LMX393/LMX339 single/dual/quad com-
parators are drop-in, pin-for-pin-compatible replace-
ments for the LMV331/LMV393/LMV339. The LMX331H/
LMX393H/LMX339H offer the performance of the
LMX331/LMX393/LMX339 with the added benefit of inter-
nal hysteresis to provide noise immunity, preventing out-
put oscillations even with slow-moving input signals.
Advantages of the LMX331/LMX393/LMX339 series
include low supply voltage, small package, and low cost.
The LMX331 is available in both 5-pin SC70 and SOT23
packages, LMX393 is available in both 8-pin µMAX and
smaller SOT23 packages, and the LMX339 is available in
14-pin TSSOP and SO packages. They are manufac-
tured using advanced submicron CMOS technology.
Designed with the most modern techniques, the
LMX331/LMX393/LMX339 achieve superior performance
over BiCMOS or bipolar versions on the market.
The LMX331/LMX393/LMX339 offer performance
advantages such as wider supply voltage range, wider
operating temperature range, better CMRR and PSRR,
improved response time characteristics, reduced off-
set, reduced output saturation voltage, reduced input
bias current, and improved RF immunity.
Applications
Mobile Communications
Notebooks and PDAs
Automotive Applications
Battery-Powered Electronics
General-Purpose Portable Devices
General-Purpose Low-Voltage Applications
Features
o Guaranteed 1.8V to 5.5V Performance
o -40°C to +125°C Automotive Temperature Range
o Low Supply Current (60µA/Comparator at
VDD = 5.0V)
o Input Common-Mode Voltage Range Includes
Ground
o No Phase Reversal for Overdriven Inputs
o Low Output Saturation Voltage (100mV)
o Internal 2mV Hysteresis
(LMX331H/LMX393H/LMX339H)
o 5-Pin SC70 Space-Saving Package
(2.0mm ✕ 2.1mm ✕ 1.0mm)
(LMX331/LMX331H)
General-Purpose, Low-Voltage,
Single/Dual/Quad, Tiny-Pack Comparators
________________________________________________________________ Maxim Integrated Products
1
TOP VIEW
14
13
12
11
10
9
8
1
2
3
4
5
6
7
OUTC
OUTD
VSS
IND+
INA-
VDD
OUTA
OUTB
IND-
INC+
INC-
INB+
INB-
INA+
TSSOP/SO
VSS
OUT
IN-
15 VDD
IN+
SC70/SOT23
2
34
LMX331/LMX331H
1
2
3
4
8
7
6
5
VDD
OUTB
INB-
INB+
VSS
INA+
INA-
OUTA
SOT23/
µMAX
LMX393/LMX393H
LMX339/LMX339H
AD
BC
A
B
Pin Configurations
19-1958; Rev 2; 1/02
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
Ordering Information
PART
TEMP RANGE
PIN-
PACKAGE
TOP
MARK
LMX331AXK-T
-40
°C to +125°C
5 SC70-5
ACD
LMX331AUK-T
-40
°C to +125°C
5 SOT23-5
ADQR
LMX331HAXK-T
-40
°C to +125°C
5 SC70-5
ACE
LMX331HAUK-T
-40
°C to +125°C
5 SOT23-5
ADQS
LMX393AKA-T
-40
°C to +125°C
8 SOT23-8
AAIF
LMX393AUA
-40
°C to +125°C
8 µMAX
—
LMX393HAKA-T
-40
°C to +125°C
8 SOT23-8
AAIG
LMX393HAUA
-40
°C to +125°C
8 µMAX
—
LMX339AUD
-40
°C to +125°C
14 TSSOP
—
LMX339ASD
-40
°C to +125°C
14 SO
—
LMX339HAUD
-40
°C to +125°C
14 TSSOP
—
LMX339HASD
-40
°C to +125°C
14 SO
—


Similar Part No. - LMX339HASD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
LMX339HASD+T MAXIM-LMX339HASD+T Datasheet
190Kb / 9P
General-Purpose, Low-Voltage, Single/Dual/Quad, Tiny-Pack Comparators
Rev 4; 5/11
More results

Similar Description - LMX339HASD

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV331 NSC-LMV331_07 Datasheet
504Kb / 20P
General Purpose, Low Voltage, Tiny Pack Comparators
logo
Maxim Integrated Produc...
LMX331 MAXIM-LMX331_11 Datasheet
190Kb / 9P
General-Purpose, Low-Voltage, Single/Dual/Quad, Tiny-Pack Comparators
Rev 4; 5/11
MAX9647 MAXIM-MAX9647 Datasheet
2Mb / 11P
General-Purpose, Low-Voltage, Tiny Pack Comparators
Rev 0; 10/11
MAX9647 MAXIM-MAX9647_12 Datasheet
2Mb / 11P
General-Purpose, Low-Voltage, Tiny Pack Comparators
Rev 1; 1/12
logo
Texas Instruments
LMV331 TI1-LMV331 Datasheet
483Kb / 22P
Quad General Purpose, Low Voltage, Tiny Pack Comparators
logo
Maxim Integrated Produc...
MAX9092 MAXIM-MAX9092 Datasheet
1Mb / 11P
General-Purpose, Low-Voltage, Dual/Quad, Tiny Pack Comparators
Rev 0; 7/12
logo
Texas Instruments
LMV393M TI-LMV393M Datasheet
1Mb / 32P
LMV331-N Single / LMV393-N Dual / LMV339-N Quad General Purpose, Low Voltage, Tiny Pack Comparators
LMV331-N TI1-LMV331-N_15 Datasheet
1Mb / 38P
General-Purpose, Low-Voltage, Tiny Pack Comparators
logo
ON Semiconductor
LMV331 ONSEMI-LMV331_14 Datasheet
842Kb / 19P
Single, Dual, Quad General Purpose, Low Voltage Comparators
November, 2014 ??Rev. 7
LMV331 ONSEMI-LMV331_17 Datasheet
845Kb / 20P
Single, Dual, Quad General Purpose, Low Voltage Comparators
June, 2017 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com