Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

C0603C684K4PACTU Datasheet(PDF) 1 Page - Kemet Corporation

Part # C0603C684K4PACTU
Description  Ceramic, Commercial-(CxxxxC), 0.68 uF, 10%, 16 V, 0603, X5R, SMD, MLCC, Temperature Stable, Class II
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C0603C684K4PACTU Datasheet(HTML) 1 Page - Kemet Corporation

  C0603C684K4PACTU Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated - a16da9df-763b-4c7d-b5bc-33d7292a35f5
KEMET Part Number: C0603C684K4PACTU
(C0603C684K4PAC7867)
Ceramic, Commercial-(CxxxxC), 0.68 uF, 10%, 16 V, 0603, X5R, SMD, MLCC, Temperature Stable, Class II
Dimensions
L
1.6mm +/-0.15mm
W
0.8mm +/-0.15mm
T
0.8mm +/-0.10mm
S
0.7mm MIN
B
0.35mm +/-0.15mm
Packaging Specifications
Packaging: T&R, 180mm, Paper Tape
Packaging Quantity: 4000
General Information
Style: SMD Chip
Series: Commercial-(CxxxxC)
Chip Size: 0603
Description: SMD, MLCC, Temperature
Stable, Class II
Features: Temperature Stable, Class II
RoHS: Yes
Termination: Tin
Marking: No
Failure Rate: N/A
Miscellaneous:
Note: Referee time for X5R
dielectric for this part number is
1000 hours
Specifications
Capacitance: 0.68 uF
Capacitance Tolerance: 10%
Voltage DC: 16 VDC
Temperature Range: -55/+85C
Temperature Coefficient: X5R
Dissipation Factor: 10%
Aging Rate: 4% Loss/Decade Hour
Insulation Resistance: 740 MOhms
Dielectric Strength: 40 V
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - C0603C684K4PACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0603C684K4PACTU KEMET-C0603C684K4PACTU Datasheet
720Kb / 18P
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs) X5R Dielectric, 4 ??50 VDC (Commercial Grade)
More results

Similar Description - C0603C684K4PACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0603C225K4PACTU KEMET-C0603C225K4PACTU Datasheet
71Kb / 1P
Ceramic, Commercial-(CxxxxC), 2.2 uF, 10%, 16 V, 0603, X5R, SMD, MLCC, Temperature Stable, Class II
C0603C475K8PACTU KEMET-C0603C475K8PACTU Datasheet
71Kb / 1P
Ceramic, Commercial-(CxxxxC), 4.7 uF, 10%, 10 V, 0603, X5R, SMD, MLCC, Temperature Stable, Class II
C0603C105K4PACTU KEMET-C0603C105K4PACTU_17 Datasheet
71Kb / 1P
Ceramic, Commercial-(CxxxxC), 1 uF, 10%, 16 V, 0603, X5R, SMD, MLCC, Temperature Stable, Class II
C0603C105K8PACTU KEMET-C0603C105K8PACTU Datasheet
71Kb / 1P
Ceramic, Commercial-(CxxxxC), 1 uF, 10%, 10 V, 0603, X5R, SMD, MLCC, Temperature Stable, Class II
C0603C224K4PACTU KEMET-C0603C224K4PACTU Datasheet
71Kb / 1P
Ceramic, Commercial-(CxxxxC), 0.22 uF, 10%, 16 V, 0603, X5R, SMD, MLCC, Temperature Stable, Class II
C0603C334K8PACTU KEMET-C0603C334K8PACTU Datasheet
71Kb / 1P
Ceramic, Commercial-(CxxxxC), 0.33 uF, 10%, 10 V, 0603, X5R, SMD, MLCC, Temperature Stable, Class II
C0603C106M8PACTU KEMET-C0603C106M8PACTU Datasheet
71Kb / 1P
Commercial-(CxxxxC), Ceramic, 10 uF, 20%, 10 V, X5R, SMD, MLCC, Temperature Stable, Class II, 0603
C0603C274K8PACTU KEMET-C0603C274K8PACTU Datasheet
72Kb / 1P
Ceramic, Commercial-(CxxxxC), 0.27 uF, 10%, 10 V, 0603, X5R, SMD, MLCC, Temperature Stable, Class II
C0603C394K8PACTU KEMET-C0603C394K8PACTU Datasheet
72Kb / 1P
Ceramic, Commercial-(CxxxxC), 0.39 uF, 10%, 10 V, 0603, X5R, SMD, MLCC, Temperature Stable, Class II
C0603C334K4PACTU KEMET-C0603C334K4PACTU Datasheet
71Kb / 1P
Ceramic, Commercial-(CxxxxC), 0.33 uF, 10%, 16 V, 0603, X5R, SMD, MLCC, Temperature Stable, Class II
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com