Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMX1602TM Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX1602TM
Description  PLLatinum??Low Cost Dual Frequency Synthesizer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX1602TM Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LMX1602TM Datasheet HTML 5Page - National Semiconductor (TI) LMX1602TM Datasheet HTML 6Page - National Semiconductor (TI) LMX1602TM Datasheet HTML 7Page - National Semiconductor (TI) LMX1602TM Datasheet HTML 8Page - National Semiconductor (TI) LMX1602TM Datasheet HTML 9Page - National Semiconductor (TI) LMX1602TM Datasheet HTML 10Page - National Semiconductor (TI) LMX1602TM Datasheet HTML 11Page - National Semiconductor (TI) LMX1602TM Datasheet HTML 12Page - National Semiconductor (TI) LMX1602TM Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
2.0
Programming Description (Continued)
1.1 GHz option (12 bit)
MAIN_B_CNTR
Divide Ratio
11
10
9876543210
3
000000000011
4
000000000100
•
••••••••••••
4,095
111111111111
Note 14: Divide ratio: 3 to 4,095 (Divide ratios less than 3 are prohibited)
MAIN_B_CNTR
≥ MAIN_A_CNTR.
See section 2.3.7 for calculation of VCO output frequency.
2.3.7
Pulse Swallow Function
The N divider counts such that it divides the VCO RF frequency by (P+1) for A times, and then divides by P for (B – A ) times.
The B value (B_CNTR) must be
≥ 3. The continuous divider range for the Main PLL N divider is from 992 to 65,535 for 2 GHz
option, from 240 to 65,535 for 1.1 GHz option, and from 56 to 32,767 for 500 MHz option. Divider ratios less than the minimum
value are achievable as long as the binary counter value is greater than or equal to the swallow counter value (B_CNTR
≥
A_CNTR).
f
VCO =Nx(fOSC /R)
N=(P x B) + A
f
VCO:
Output frequency of external voltage controlled oscillator (VCO)
f
OSC:
Output frequency of the external reference frequency oscillator (input to OSC
IN).
R:
Preset divide ratio of binary programmable reference counter (R_CNTR)
N:
Preset divide ratio of main programmable integer N counter (N_CNTR)
B:
Preset divide ratio of binary programmable B counter (B_CNTR)
A:
Preset value of binary 4-bit swallow A counter (A _CNTR)
P:
Preset modulus of dual modulus prescaler (P = 32 for 2 GHz option, P=16 for 1.1 GHz option, and P=8 for 500 MHz
option)
2.4
CHARGE PUMP CONTROL WORD (CP_WORD)
MSB
LSB
AUX_CP_GAIN
MAIN_CP_GAIN
AUX_PD_POL
MAIN_PD_POL
BIT
LOCATION
FUNCTION
0
1
AUX_CP_GAIN
MAIN_R[17]
Aux Charge Pump Current Gain
LOW
HIGH
MAIN_CP_GAIN
MAIN_R[16]
Main Charge Pump Current Gain
LOW
HIGH
AUX_PD_POL
MAIN_R[15]
Aux Phase Detector Polarity
Negative
Positive
MAIN_PD_POL
MAIN_R[14]
Main Phase Detector Polarity
Negative
Positive
AUX_CP_GAIN (MAIN_R[17]) and MAIN_CP_GAIN (MAIN_R[16]) are used to select charge pump current magnitude either low
gain mode (160 µA typ) or high gain mode (1600 µA typ)
AUX_ PD_POL (MAIN_R[15]) and MAIN_ PD_POL (MAIN_R[14]) are respectively set to one when Aux or Main VCO character-
istics are positive as in (1) below. When VCO frequency decreases with increasing control voltage (2) PD_POL should set to zero.
9
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com