Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

10EK3M/AM Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # 10EK3M/AM
Description  POWER ENTRY MODULE FILTERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

10EK3M/AM Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  10EK3M/AM Datasheet HTML 1Page - Delta Electronics, Inc. 10EK3M/AM Datasheet HTML 2Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
EKSERIES POWER ENTRY MODULE FILTERS
IEC CONNECTOR
**DOUBLE-POLE POWER SWITCH
VOLTAGE SELECTOR SW
ELECTRICAL SCHEMATIC
* FUSE
DELTA PART NO.
* * UL, CSA & VDE approved
Current rating: UL & CSA-10A both at 125VAC & 250VAC.
VDE-10A at 250VAC.
Electrical lifetime: 10,000 cycles.
Maximum inrush current: 51A.
* UL, CSA & VDE approved
Current rating: UL-10A both at 125VAC & 250VAC.
CSA & VDE-6A at 250VAC.
1. EK Series filters are for
health care equipment.
2. All part numbers are UL recognized, CSA certified
and VDE approved.
UL 544 & UL 2601
3. Operating frequency: 50/60Hz
@ 115VAC 60Hz: 2.0uA
@ 250VAC 50Hz: 5.0uA
1. Maximum leakage current each
line-to-line: 1450VDC
4. Rated voltage: 115/250VAC
line-to-ground: 2250VDC
2. Hipot rating (one minute)
line-to-ground:
SPECIFICATIONS
CSA approved 6A at 125/250VAC. VDE approved 6A at 250VAC.
*
ELECTRICAL SCHEMATIC
MINIMUM INSERTION LOSS IN dB
COMPONENTS
PART NO.
L (mH)
C1 (uF) C2 (uF)
R (M )
W
03EK3M/AM
03EK3SM/AM
03EK4M/AM
06EK3M/AM
06EK3SM/AM
10EK3M/AM
10EK3SM/AM
10
06EK4M/AM
EK4M/AM
8
2.5
1.6
0.22
0.1
1
Lg: 400uH (EK3AM, EK3SAM only)
N
L
G
G'
L
FIG. B
Lg
E
N
I
C1
R
L
C2
SW
L
FOR XXEK3SAM
D
A
O
110V
4
3
F
110V
2
1
FIG. A
G
N
L
SW
L
E
N
I
R
C1
G'
L
C2
FOR XXEK3SM
O
D
A
F
L
4
110V
110V
2
1
3
06EK3AM
10EK3AM
FIG. B
DOUBLE
03EK3AM
DOUBLE
FIG. A
03EK3M
06EK3M
10EK3M
03EK3SM
06EK3SM
10EK3SM
CURRENT
FREQUENCY-MHz
RATING
0.05 0.10 0.15 0.50 1.0 5.0 10 30
3A (M)
22
27
32
42
36
20
15
6
6A
12
18
20
25
25
20
13
6
10A
8
10
142025
20
17 10
3A (AM) (SAM)
22
27
32
30
36
22
18
6
6A (AM) (SAM)
12
18
20
25
25
20
13
6
10A (AM) (SAM)
8
14
24
20
25
20
17 12
3A (M)
2
4
18
48
55
50
50 35
6A
4
4
12
38
50
50
50 25
10A
4
6
6
30
45
50
50 35
3A (AM ) (SAM)
35
35
45
50
55
40
25 10
6A (AM) (SAM)
25
45
25
40
50
40
25 10
10A (AM) (SAM) 20
28
38
45
50
40
25 13
COMMON MODE (L-G) IN 50 OHM SYSTEM
DIFFERENTIAL MODE (L-L) IN 50 OHM SYSTEM
(M)
(M)
(M)
(M)
*
*
*
*
7-10
FIG. A
SINGLE
FIG. B
SINGLE
03EK3SAM
06EK3SAM
10EK3SAM
06EK4AM
10EK4AM
03EK4AM
03EK4M
06EK4M
10EK4M
03EK4SM
06EK4SM
10EK4SM
03EK4SAM
06EK4SAM
10EK4SAM
DOUBLE
FIG. C
_
FIG. D
DOUBLE
_
FIG. C
SINGLE
_
FIG. D
SINGLE
_
N
L
G
G'
L
FIG. D
Lg
E
N
I
C1
R
L
C2
L
FOR XXEK4SAM
D
A
O
110V
4
3
F
110V
2
1
FIG. C
G
N
L
L
E
N
I
R
C1
G'
L
C2
FOR XXEK4SM
O
D
A
F
L
4
110V
110V
2
1
3
INTRODUCTIONS


Similar Part No. - 10EK3M/AM

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
10EK3 MACOM-10EK3 Datasheet
481Kb / 4P
General Purpose RFI Power Line Filters-Ideal for High Impedance Load
10EK3 MACOM-10EK3 Datasheet
295Kb / 5P
General Purpose RFI Power Line Filters ??Ideal for High Impedance Load
logo
TE Connectivity Ltd
10EK3 TEC-10EK3 Datasheet
295Kb / 5P
General Purpose RFI Power Line Filters ??Ideal for High Impedance Load
logo
Delta Electronics, Inc.
10EK3/A DELTA-10EK3/A Datasheet
165Kb / 2P
HIGH PERFORMANCE POWER ENTRY MODULE EMI FILTERS
10EK3S DELTA-10EK3S Datasheet
165Kb / 2P
HIGH PERFORMANCE POWER ENTRY MODULE EMI FILTERS
More results

Similar Description - 10EK3M/AM

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
03IB2S DELTA-03IB2S Datasheet
225Kb / 1P
POWER ENTRY MODULE EMI FILTERS
06AE2 DELTA-06AE2 Datasheet
114Kb / 2P
POWER ENTRY MODULE EMI FILTERS
06AK2D DELTA-06AK2D Datasheet
621Kb / 2P
POWER ENTRY MODULE EMI FILTERS
06AK5 DELTA-06AK5 Datasheet
621Kb / 2P
POWER ENTRY MODULE EMI FILTERS
06AR2D DELTA-06AR2D Datasheet
443Kb / 2P
POWER ENTRY MODULE EMI FILTERS
06EB3 DELTA-06EB3 Datasheet
231Kb / 2P
POWER ENTRY MODULE EMI FILTERS
06IB2D DELTA-06IB2D Datasheet
225Kb / 1P
POWER ENTRY MODULE EMI FILTERS
06SB3M DELTA-06SB3M Datasheet
1Mb / 2P
POWER ENTRY MODULE FILTERS
10NB3M DELTA-10NB3M Datasheet
1Mb / 2P
POWER ENTRY MODULE FILTERS
AR-SERIES DELTA-AR-SERIES Datasheet
444Kb / 2P
POWER ENTRY MODULE EMI FILTERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com