Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FW.86.B.SMA.M Datasheet(PDF) 1 Page - Taoglas antenna solutions

Part # FW.86.B.SMA.M
Description  Designed for Outdoor Use
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

FW.86.B.SMA.M Datasheet(HTML) 1 Page - Taoglas antenna solutions

  FW.86.B.SMA.M Datasheet HTML 1Page - Taoglas antenna solutions FW.86.B.SMA.M Datasheet HTML 2Page - Taoglas antenna solutions FW.86.B.SMA.M Datasheet HTML 3Page - Taoglas antenna solutions FW.86.B.SMA.M Datasheet HTML 4Page - Taoglas antenna solutions FW.86.B.SMA.M Datasheet HTML 5Page - Taoglas antenna solutions FW.86.B.SMA.M Datasheet HTML 6Page - Taoglas antenna solutions FW.86.B.SMA.M Datasheet HTML 7Page - Taoglas antenna solutions FW.86.B.SMA.M Datasheet HTML 8Page - Taoglas antenna solutions FW.86.B.SMA.M Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
SP-15-8- SPE-16-8-006/B/WY
Page 1 of 12
SPECIFICATION
Part No.
:
FW.86.B.SMA.M
Description
:
Meteor
ISM Band 868MHz Flexible Whip
Monopole Antenna SMA(M) Straight
Features
:
External 868MHz Monopole Antenna
Designed for Outdoor Use
Over 70% high efficiency*
2.82 dBi high peak gain*
Robust Inner Steel Core
Antenna Length: 240mm
SMA Type(M) Straight Connector
IP65 dust and water-resistant
*Tested on 30cm*30cm Ground Plane
RoHS Compliant 


Similar Part No. - FW.86.B.SMA.M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FW.86.B.SMA-.M ETC2-FW.86.B.SMA-.M Datasheet
2Mb / 11P
External 868MHz Monopole Antenna
More results

Similar Description - FW.86.B.SMA.M

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LNQ15001 PANASONIC-LNQ15001 Datasheet
76Kb / 1P
FULL COLOR LED LAMP FOR OUTDOOR USE
logo
Advanced Crystal Techno...
ACTF139 ACT-ACTF139 Datasheet
141Kb / 4P
Designed for use in pager applications
SEPT 04
logo
List of Unclassifed Man...
5501G1 ETC2-5501G1 Datasheet
102Kb / 3P
Water-Blocked for Indoor/Outdoor Use
logo
TE Connectivity Ltd
M7100 TEC-M7100 Datasheet
289Kb / 7P
Rugged for heavy equipment and outdoor use
logo
Taoglas antenna solutio...
FW.24.SMA.M TAOGLAS-FW.24.SMA.M Datasheet
984Kb / 12P
Rugged Design for Outdoor Use
FW.43.B.SMA.M TAOGLAS-FW.43.B.SMA.M Datasheet
1Mb / 12P
Designed for Outdoor Use
FW.86.B.NTY.M TAOGLAS-FW.86.B.NTY.M Datasheet
833Kb / 11P
Rugged Design for Outdoor Use
FW.95.B.SMA.M TAOGLAS-FW.95.B.SMA.M Datasheet
2Mb / 12P
Designed for Outdoor Use
logo
Hirose Electric
HR41 HIROSE-HR41 Datasheet
490Kb / 12P
Waterproof Connectors for Outdoor Use
logo
AUREL S.p.A.
650200596G AUREL-650200596G Datasheet
253Kb / 1P
Vertical Antenna for Outdoor use
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com