Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMX2346TM Datasheet(PDF) 22 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2346TM
Description  PLLatinum??Frequency Synthesizer for RF Personal Communications
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2346TM Datasheet(HTML) 22 Page - National Semiconductor (TI)

Back Button LMX2346TM Datasheet HTML 18Page - National Semiconductor (TI) LMX2346TM Datasheet HTML 19Page - National Semiconductor (TI) LMX2346TM Datasheet HTML 20Page - National Semiconductor (TI) LMX2346TM Datasheet HTML 21Page - National Semiconductor (TI) LMX2346TM Datasheet HTML 22Page - National Semiconductor (TI) LMX2346TM Datasheet HTML 23Page - National Semiconductor (TI) LMX2346TM Datasheet HTML 24Page - National Semiconductor (TI) LMX2346TM Datasheet HTML 25Page - National Semiconductor (TI) LMX2346TM Datasheet HTML 26Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
1.0 Functional Description (Continued)
1.9 POWER-DOWN
CE
PD[1:0]
Operating Mode
0
X
Power-down (Asynchronous)
1
0
Normal Operation
1
1
Power-down (Synchronous)
1
2
Counter Reset
1
3
Power-down (Asynchronous)
The LMX2346/7 are power controlled through logical control
of the CE pin in conjunction with programming of the PD
control word. A truth table is provided that describes how the
state of the CE pin and the PD control word set the operating
mode of the device. A complete programming description for
the PD control word is provided in Section 2.3.1.
When the device enters the power-down mode, the oscillator
buffer, RF prescaler, phase detector, and charge pump cir-
cuits are all disabled. The OSC
IN,CPO,FIN,FINB, LD pins
are all forced to a high impedance state. The reference
divider and feedback divider circuits are disabled and held at
the load point during power-down. When the device is pro-
grammed to normal operation, the oscillator buffer, RF pres-
caler, phase detector, and charge pump circuits are all pow-
ered on. The feedback divider and the reference divider are
held at the load point. This allows the RF Prescaler, feed-
back divider, reference oscillator, and the reference divider
circuitry to reach proper bias levels. After a 1.5 µs delay, the
feedback and reference divider are enabled and they re-
sume counting in “close” alignment (The maximum error is
one prescaler cycle). The MICROWIRE control register re-
mains active and capable of loading and latching in data
while in the power-down mode.
The synchronous power-down function is gated by the
charge pump. When the device is configured for synchro-
nous power-down, the device will enter the power-down
mode upon the completion of the next charge pump pulse
event.
The asynchronous power-down function is NOT gated by the
completion of a charge pump pulse event. When the device
is configured for asynchronous power-down, the part will go
into power down mode immediately.
A counter reset function is provided. When the PD control
word is programmed to Counter Reset, both the feedback
divider and the reference divider are disabled and held at
their load point. When the device is programmed to normal
operation, both the feedback divider and the reference di-
vider are enabled (without a delay) and resume counting in
“close” alignment (The maximum error is one prescaler
cycle).
2.0 Programming Description
2.1 MICROWIRE INTERFACE
The MICROWIRE interface is comprised of an 18-bit shift register, and two control registers. The shift register consists of a 17-bit
DATA field and a 1-bit address (ADDR) field as shown below. When Latch Enable transitions HIGH, data stored in the shift register
is loaded into either the R or N register depending on the state of the ADDR bit. The data is loaded MSB first. The DATA field
assignments for the R and N registers are shown in Section 2.1.1.
MSB
LSB
DATA
ADDR
17
1
0
ADDR
Target Register
1
R register
0
N register
2.1.1 Register Map
Register Most Significant Bit
SHIFT REGISTER BIT LOCATION
Least Significant Bit
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Data Field
ADDR
R
R_OPT [2:0]
LD_OUT [1:0]
PD_POL
CP_TRI
R_CNTR [9:0]
1
N
NB_CNTR [9:0]
NA_CNTR [4:0]
PD [1:0]
0
2.2 R REGISTER
The R register contains the R_CNTR, CP_TRI, PD_POL, LD_OUT, R_OPT control words. The detailed descriptions and
programming information for each control word is discussed in the following sections.
Register
Most Significant Bit
SHIFT REGISTER BIT LOCATION
Least Significant Bit
17
16
15
14
13
12
11
10
9876
543210
Data Field
ADDR
R
R_OPT [2:0]
LD_OUT [1:0]
PD_POL
CP_TRI
R_CNTR [9:0]
1
www.national.com
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com