Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADNS-5700 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # ADNS-5700
Description  Optical navigation technology
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ADNS-5700 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  ADNS-5700 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ADNS-5700 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ADNS-5700 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ADNS-5700 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ADNS-5700 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ADNS-5700 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ADNS-5700 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ADNS-5700 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ADNS-5700 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 41 page
background image
2
Pinout 18pin PDIP
ADNS-5700-XXXX
Pin Number
3 button
5 button
H3MB, H3NB
H4MB, H4NB
H5MD, H5ND
1
D +
D +
D +
2
D -
D -
D -
3ZA
ZA
ZA
4ZB
ZB
ZB
5
LED_GND
LED_GND
LED_GND
6
XY_LED
XY_LED
XY_LED
7VDD5
VDD5
VDD5
8
GND
GND
GND
9
REG0
REG0
REG0
10
VDD3
VDD3
VDD3
11
NC
TL
B4
12
NC
TR
OSC_IN
13
GND
GND
GND
14
OSC_IN
OSC_IN
OSC_OUT
15
OSC_OUT
OSC_OUT
B3
16
B3
B3
B2
17
B2
B2
B1
18
B1
B1
B5
Pin description table
Pin Name
Description
D +
USB D+ line
D -
USB D- line
ZA
ZA Optical wheel quadrature input
ZB
ZB Optical wheel quadrature input
LED_GND
LED ground
XY_LED
XY_LED Input
VDD5
5 Volt Power (USB VBUS)
GND
System ground
ZLED
Z-Wheel LED input
REG0 / VDD3
3 Volt Power VDD3
NC
No Connect
OSC_IN
Ceramic resonator input
OSC_OUT
Ceramic resonator output
B5
Fifth Button
B4
Fourth Button
B3
Middle button input
B2
Right button input
B1
Left button input
Figure 1a. Package pinout
Note : See table for Part number marking
7
4
3
12
18
17
16
15
14
13
11
10
9
8
6
5
2
1
Product Number
Date Code
Lot Code
Item
Marking
Remarks
Product Number
A5700
Date Code
XYYWWZ
X = Subcon Code
YYWW = Date Code
Z = Sensor Die Source
Lot Code
VVV
Numeric
DISCLAIMER: ALL DESIGNERS AND MANUFACTURERS OF THIS DESIGN MUST ASSURE THAT THEY HAVE ALL NECESSARY INTELLECTUAL PROPERTY RIGHTS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com