Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SY02-PLL2 Datasheet(PDF) 5 Page - Raltron Electronics Corporation

Part # SY02-PLL2
Description  CLOCK/SYNCHRONIZER - SY02-PLL2
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RALTRON [Raltron Electronics Corporation]
Direct Link  http://www.raltron.com
Logo RALTRON - Raltron Electronics Corporation

SY02-PLL2 Datasheet(HTML) 5 Page - Raltron Electronics Corporation

  SY02-PLL2 Datasheet HTML 1Page - Raltron Electronics Corporation SY02-PLL2 Datasheet HTML 2Page - Raltron Electronics Corporation SY02-PLL2 Datasheet HTML 3Page - Raltron Electronics Corporation SY02-PLL2 Datasheet HTML 4Page - Raltron Electronics Corporation SY02-PLL2 Datasheet HTML 5Page - Raltron Electronics Corporation SY02-PLL2 Datasheet HTML 6Page - Raltron Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
SYNCHRONOUS EQUIPMENT
CLOCK/SYNCHRONIZER - SY02-PLL2
RALTRON ELECTRONICS CORP.
!!!! 10651 N.W.19
th St !!!! Florida 33172 !!!! U.S.A.
Tel: 305 593-6033
!!!! Fax: 305-594-3973 !!!! e-mail: sales@raltron.com !!!! Internet: http://www.raltron.com
• SPECIFICATION
General
Specifications
Mechanical
19.4 x 20.3 mm
SMT Module FR4 14pins dual-in-line
Power
3.3VDC, <100mA
Regulated
Environment
Operating Temperature
0°C to 70°C
(Extended Temp. available -40° to 85°C)
Storage Temperature
-40° to 85°C
Humidity
5% to 95% non-condensing
Internal Oscillators
Voltage Controlled Crystal Oscillator
(VCXO) and Crystal Oscillator (XO)
Input Signals
Number of Reference Inputs
2
Input reference frequency
See the table
Select by external pins
Signal Level
LVCMOS/LVTTL Compatible
Output Signals
Number of Outputs
2
Output 1
See the table
User defined
Output 1 Signal Level
LVCMOS
Output 2
Recovered REF IN
Output 2 Signal Level
LVCMOS
Tracking/Capture Range
±25ppm min
Signal Quality
Performance
Jitter generation
<0.001UI RMS
Jitter tolerance
2
µs, 10 Hz (0.05 UI @ 8KHz)
Frequency Output
Performance
Free run accuracy
±20ppm max. 0°C to 70°C
No reference signal



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com