Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STV8164 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STV8164
Description  5 V, 5 V and Adjustable Triple-Voltage Regulator with Disable and Reset Functions
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV8164 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STV8164 Datasheet HTML 3Page - STMicroelectronics STV8164 Datasheet HTML 4Page - STMicroelectronics STV8164 Datasheet HTML 5Page - STMicroelectronics STV8164 Datasheet HTML 6Page - STMicroelectronics STV8164 Datasheet HTML 7Page - STMicroelectronics STV8164 Datasheet HTML 8Page - STMicroelectronics STV8164 Datasheet HTML 9Page - STMicroelectronics STV8164 Datasheet HTML 10Page - STMicroelectronics STV8164 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
REVISION HISTORY
STV8164
10/11
6
REVISION HISTORY
Revision
Main Changes
Date
1.0
First Edition
20 June 2001
1.1
New edition. Pin name changed from DISABLE to DISABLE. Reset Threshold values
updated. Update of Quiescent Current value in Chapter 2.3: Electrical Characteristics
on page 4.
8 January 2002
1.2
Update of reset voltage characteristics. Update of IQ and VO1RST values in
Chapter 2.3: Electrical Characteristics on page 4.
31 January 2002
1.3
Modification of Short Circuit Output Current values in Section 2.3: Electrical
Characteristics.
21 May 2002
1.4
Output voltages and current further specified on Title page
12 June 2002



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com