Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS3BJ-M3/5BT Datasheet(PDF) 2 Page - Vishay Siliconix

Part # AS3BJ-M3/5BT
Description  Avalanche Surface Mount Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

AS3BJ-M3/5BT Datasheet(HTML) 2 Page - Vishay Siliconix

  AS3BJ-M3/5BT Datasheet HTML 1Page - Vishay Siliconix AS3BJ-M3/5BT Datasheet HTML 2Page - Vishay Siliconix AS3BJ-M3/5BT Datasheet HTML 3Page - Vishay Siliconix AS3BJ-M3/5BT Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
AS3BD, AS3BG, AS3BJ
www.vishay.com
Vishay General Semiconductor
Revision: 01-Dec-16
2
Document Number: 89377
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Pulse test: 300 μs pulse width, 1 % duty cycle
(2) Pulse test: Pulse width
 40 ms
Notes
(1) Free air, mounted on recommended PCB 1 oz. pad area; thermal resistance RJA - junction to ambient
(2) Units mounted on PCB with 14 mm x 14 mm x 2 areas, 1 oz. copper pad areas; RJM - junction to mount
Note
(1) AEC-Q101 qualified
RATINGS AND CHARACTERISTICS CURVES (TA = 25 °C unless otherwise noted)
Fig. 1 - Maximum Forward Current Derating Curve
Fig. 2 - Forward Power Loss Characteristics
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
TYP.
MAX.
UNIT
Instantaneous forward voltage
IF = 1.5 A
TA = 25 °C
VF (1)
0.90
-
V
IF = 3.0 A
0.98
1.05
IF = 1.5 A
TA = 125 °C
0.78
-
IF = 3.0 A
0.86
0.95
Reverse current
VR = 600 V
TA = 25 °C
IR (2)
0.5
20
μA
TA = 125 °C
40
150
Typical junction capacitance per diode
Rated VR = 4.0 V, 1 MHz
CJ
40
-
pF
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
AS3BJ
UNIT
Typical thermal resistance
RJA (1)
100
°C/W
RJM (2)
14
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
AS3BJ-M3/52T
0.096
52T
750
7" diameter plastic tape and reel
AS3BJ-M3/5BT
0.096
5BT
3200
13" diameter plastic tape and reel
AS3BJHM3/52T (1)
0.096
52T
750
7" diameter plastic tape and reel
AS3BJHM3/5BT (1)
0.096
5BT
3200
13" diameter plastic tape and reel
AS3BJHM3_A/H (1)
0.096
H
750
7" diameter plastic tape and reel
AS3BJHM3_A/I (1)
0.096
I
3200
13" diameter plastic tape and reel
TM - Mount Temperature (°C)
3.2
0
25
50
75
100
175
0
0.8
2.4
3.6
2.0
2.8
0.4
1.2
1.6
125
150
T
M Measured
at the Terminal
T
M = 140 °C
Free air
T
A = 25 °C
Average Forward Current (A)
0
0.4
2.4
2.8
3.2
0
3.5
2.0
1.6
1.2
0.8
3.0
2.5
2.0
1.5
1.0
0.5
D = t
p/T
t
p
T
D = 0.1
D = 0.2
D = 0.3 D = 0.5
D = 0.8
D = 1.0



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com