Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSM4R271M10 Datasheet(PDF) 13 Page - API Technologies Corp

Part # MSM4R271M10
Description  Surface Mount EMI Filters
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

MSM4R271M10 Datasheet(HTML) 13 Page - API Technologies Corp

Back Button MSM4R271M10 Datasheet HTML 9Page - API Technologies Corp MSM4R271M10 Datasheet HTML 10Page - API Technologies Corp MSM4R271M10 Datasheet HTML 11Page - API Technologies Corp MSM4R271M10 Datasheet HTML 12Page - API Technologies Corp MSM4R271M10 Datasheet HTML 13Page - API Technologies Corp MSM4R271M10 Datasheet HTML 14Page - API Technologies Corp MSM4R271M10 Datasheet HTML 15Page - API Technologies Corp MSM4R271M10 Datasheet HTML 16Page - API Technologies Corp MSM4R271M10 Datasheet HTML 17Page - API Technologies Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
API TECHNOLOGIES
• 8061 Avonia Rd. • Fairview, PA 16415 • Ph: 814-474-1571 • Fax: 814-474-3110 • eis.apitech.com
API TECHNOLOGIES’ SPECTRUM CONTROL GmbH
• Hansastrasse 6 • 91126 Schwabach, Germany • Phone: (49)-9122-795-0 • Fax: (49)-9122-795-58
SM13
Surface Mount Low Pass Filters
SSM & RSM Series
.630
(16.0)
.069
(1.75)
.295
(7.50)
.157
(4.00)
.079
(2.00)
.059
(1.50)
.315
(8.00)
.098
(2.50)
.013
(0.33)
.157
(4.00)
.059
(1.50)
SSM
1-
101Z - 05
T1
Style
SSM (Square)
RSM (Round)
Capacitance
Circuit
Configuration
1-Pi
Current
Rating
05-5Amps
10-10Amps
Packaging
T-Tapeandreel
packaging
B-Bulkpackaging
Code
101Z
501P
152P
202P
402E
402Z
Value
100 pF
500 pF
1500 pF
2000 pF
4000 pF
4000 pF
Tolerance
+80/-20%
+100/-0%
+100/-0%
+100/-0%
±25
+80/-20%
SSM & RSM Ordering Information
Example:
SSM1-101Z-05T
TapeandReel
1-1,000pieces
6-6,000pieces
Note:Tapeandreel
packaging-
1,000pieces
(7")and6,000
pieces(13")
¦
Also available through API’s authorized
distributors.
€
Also available through API’s authorized
European distributors/agents.
¦
SSM1-152P-05-T1 €
SSM/RSM Tape and Reel Packaging
.102
(2.6)
.093
(2.36)
Min.
.043
(1.1)
.043
(1.1)
SSM Recommended Board Pattern
Dimensions in inches
(mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com