Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ASS-ASB Datasheet(PDF) 2 Page - StarHope

Part # ASS-ASB
Description  Surface Mount Auto Surge Suppressor Working Peak Reverse Voltage - 22 to 42 Volts 8000 Watt Peak Pulse Power
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPSEMI [StarHope]
Direct Link  http://www.spsemi.cn
Logo SPSEMI - StarHope

ASS-ASB Datasheet(HTML) 2 Page - StarHope

  ASS-ASB Datasheet HTML 1Page - StarHope ASS-ASB Datasheet HTML 2Page - StarHope ASS-ASB Datasheet HTML 3Page - StarHope ASS-ASB Datasheet HTML 4Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SPSEMI
www.spsemi.cn
Page 2 of 4
Dimensions (DO-218AB)
Electrical Characteristics
ASB22A
ASB26A
ASB30A
ASB33A
ASB36A
ASB
Part Number
V
(V)Min.
BR
V
(V)Max.
BR
I (mA)
T
Vc(V)
Ipp(A)
I(μA)
R
22
26
30
33
36
24.4
28.9
33.3
36.7
40.0
26.9
31.9
36.8
40.6
44.2
5
5
5
5
5
10
10
10
10
10
150
150
150
150
150
35.5
42.1
48.4
53.3
58.1
Max. Reverse
Leakage IR
@VRWM
Max. Clamping
Voltage Vc
@Ipp 10/1000μs
Breakdown Voltage V
@I
BR
T
Recommended Mounting Pad Layout
DO-218AB
Dimensions in millimeters
..
.
15.5
0.5
±
13.5
0.2
±
10.0
0.3
±
9.0
0.3
±
8.4
0.2
±
10.0
0.5
±
2.6
0.3
±
5.0
0.2
±
3.0
0.5
±
2.2
0.5
±
0.6
0.1
±
11.0
9.5
15.8
3.5
3.0
3.3
Dimensions in millimeters
ASB(8KW) Series
Working
Peak Reverse
Voltage
V
(V)
RWM
I(μA)
R
Max. IR
@VRWM
T =175
J
225.4
190.0
165.3
150.1
137.7
TABLE1
“ ”Stand for commonly used models
*
*
*
IEC Compatibility
ASB22A
ASB26A
ASB30A
ASB33A
ASB36A
ASB
Part Number
05
. Ω
-
-
24V system
174V@350ms
12V system
100V@400ms
Resistance
-
-
?
?
-
-
-
ISO16750 -2 Test A Test Waveform
--
-
?
?
?
Notes :
REV 2016 08 10
..
.
? The test results would be different depending on the specific circuit parameters or test environment
Failed
X
X
X
X
ASB42A
42
46.8
52.0
5
10
150
68.4
117.0
*
ASB42A
-
-
?
X



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com