Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ASS-ASC Datasheet(PDF) 1 Page - StarHope

Part # ASS-ASC
Description  Surface Mount Auto Surge Suppressor Working Peak Reverse Voltage - 3 to Volts 10000 Watt Peak Pulse Power
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPSEMI [StarHope]
Direct Link  http://www.spsemi.cn
Logo SPSEMI - StarHope

ASS-ASC Datasheet(HTML) 1 Page - StarHope

  ASS-ASC Datasheet HTML 1Page - StarHope ASS-ASC Datasheet HTML 2Page - StarHope ASS-ASC Datasheet HTML 3Page - StarHope ASS-ASC Datasheet HTML 4Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SPSEMI
www.spsemi.cn
Page 1 of 4
Surface Mount Auto Surge Suppressor
Working Peak Reverse Voltage -
3 to
Volts
10000 Watt Peak Pulse Power
Features
Glass passivated chip
10000 W peak pulse power capability with a 10/1000 s waveform,
μ
repetitive rate (dutycycle):0.01 %
Meet AEC-Q101 requirement
Low leakage
Uni-directional polarity
Excellent clamping capability
Very fast response time
RoHS compliant
ASC(10KW) Series
Maximum Ratings(T =25
unless otherwise noted )
A
℃
Notes :
1.Non-repetitive current pulse , per Fig. 2 and derated above TA = 25
per Fig. 1 .
℃
Peak power dissipation with a 10/1000μs waveform(Note 1)
Peak pulse current wih a 10/1000μs waveform(Note 1)
Power dissipation on infinite heatsink at TL = 25
℃
Peak Forward Surge Current,8.3ms Single Half Sine-Wave
RATING
SYMBOL
VALUE
UNITS
PPP
PD
IFSM
T, T
JSTG
10000
SEE
TABLE 1
-55 to
+175
8.0
Watts
Watts
Amps
℃
Operating junction and storage temperature range
IPP
Amps
700
Mechanical Data
Plastic package DO-218AB/SOD-BLOCK
Epoxy: UL 94V-0 rate flame retardant
Polarity: Heatsink is anode
REV 2016 08 10
..
.
0
42


Similar Part No. - ASS-ASC

ManufacturerPart #DatasheetDescription
logo
StarHope
ASS-ASB SPSEMI-ASS-ASB Datasheet
183Kb / 4P
Surface Mount Auto Surge Suppressor Working Peak Reverse Voltage - 22 to 42 Volts 8000 Watt Peak Pulse Power
More results

Similar Description - ASS-ASC

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
15SMCJ PANJIT-15SMCJ Datasheet
83Kb / 4P
SURFACE MOUNT TRANSIENT (VOLTAGE SUPPRESSOR VOLTAGE - 5.0 to 220 Volts 1500 Watt Peak Power Pulse)
P4SMAJ PANJIT-P4SMAJ Datasheet
95Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 to 220 Volts 400 Watt Peak Power Pulse)
logo
Yea Shin Technology Co....
P4SMFJ5.0 YEASHIN-P4SMFJ5.0 Datasheet
1,002Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 5.0 to 188 Volts 400 Watt Peak Power Pulse
logo
Pan Jit International I...
1.5SMCJ-AU PANJIT-1.5SMCJ-AU Datasheet
244Kb / 7P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 1500 Watt
logo
StarHope
ASS-ASB SPSEMI-ASS-ASB Datasheet
183Kb / 4P
Surface Mount Auto Surge Suppressor Working Peak Reverse Voltage - 22 to 42 Volts 8000 Watt Peak Pulse Power
ASS-PKA SPSEMI-ASS-PKA Datasheet
156Kb / 4P
Surface Mount Auto Surge Suppressor Stand-off Voltage - 15 to 60 Volts 6600 Watt Peak Pulse Power
ASS-PKL SPSEMI-ASS-PKL Datasheet
113Kb / 5P
Axial Auto Surge Suppressor Stand-off Voltage - 18 to 43 Volts 4000 Watt Peak Pulse Power
ASS-PKR SPSEMI-ASS-PKR Datasheet
112Kb / 5P
Axial Auto Surge Suppressor Stand-off Voltage - 18 to 43 Volts 6000 Watt Peak Pulse Power
ASS-PKS SPSEMI-ASS-PKS Datasheet
113Kb / 5P
Axial Auto Surge Suppressor Stand-off Voltage - 18 to 43 Volts 12000 Watt Peak Pulse Power
ASS-PKT SPSEMI-ASS-PKT Datasheet
112Kb / 5P
Axial Auto Surge Suppressor Stand-off Voltage - 24 to 48 Volts 18000 Watt Peak Pulse Power
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com