Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PA92 Datasheet(PDF) 1 Page - Cirrus Logic

Part # PA92
Description  HIGH VOLTAGE POWER OPERATIONAL AMPLIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

PA92 Datasheet(HTML) 1 Page - Cirrus Logic

  PA92 Datasheet HTML 1Page - Cirrus Logic PA92 Datasheet HTML 2Page - Cirrus Logic PA92 Datasheet HTML 3Page - Cirrus Logic PA92 Datasheet HTML 4Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
APEX MICROTECHNOLOGY CORPORATION • TELEPHONE (520) 690-8600 • FAX (520) 888-3329 • ORDERS (520) 690-8601 • EMAIL prodlit@apexmicrotech.com
1
FEATURES
• HIGH VOLTAGE — 400V (±200V)
• LOW QUIESCENT CURRENT — 10mA
• HIGH OUTPUT CURRENT — 4A
• PROGRAMMABLE CURRENT LIMIT
APPLICATIONS
• PIEZOELECTRIC POSITIONING
• HIGH VOLTAGE INSTRUMENTATION
• ELECTROSTATIC TRANSDUCERS
• PROGRAMMABLE POWER SUPPLIES UP TO 390V
DESCRIPTION
The PA92 is a high voltage, low quiescent current MOSFET
operational amplifier designed as a low cost solution for driving
continuous output currents up to 4A and pulse currents up to
7A. The safe operating area (SOA) has no second breakdown
limitations and can be observed for all type loads by choosing
an appropriate current limiting resistor. The MOSFET output
stage is biased AB for linear operation. External compensation
provides flexibility in choosing bandwidth and slew rate for the
application. APEX’s Power SIP package uses a minimum
of board space allowing for high density circuit boards. The
Power SIP package is electrically isolated.
EQUIVALENT SCHEMATIC
��
��
�� ��
��
��
��
���
��
��
�
�
�
�
�
��
�
�
�
���
�
��
��
��
��
��
���
���
���
���
���
��
��
��
��
����
���
���
���
���
���
���
���
���
���
��
��
����
����
TYPICAL APPLICATION
LOW POWER, PIEZOELECTRIC POSITIONING
Piezo positioning may be applied to the focusing of segment-
ed mirror systems. The composite mirror may be composed of
hundreds of elements, each requiring focusing under computer
control. In such complex systems the PA92 reduces the costs
of power supplies and cooling with its advantages of low cost
and low quiescent power consumption while increasing circuit
density with the SIP package.
PHASE COMPENSATION
GAIN
CC*
RC
≥1
150pF
100Ω
≥2
100pF
100Ω
≥3
47pF
0Ω
≥12
10pF
0Ω
*CC Never to be <10pF. CC to be rated for the full supply
voltage +V to -Vs. Use ceramic NPO (COG) type.
EXTERNAL CONNECTIONS
�
�
����
��
�
�
�
�
���
����
�����
�����������
�
��
�
��
���
�
��������
�����
�������
�������
��
�
��������������������������������������������������������������
� � � � � � � � � � � � � � �
�����������������������������������������
����
�
�
�
�
�
�
�
�
�
��
���
���
���
���
���
�������
������������
��
��
��
��
�
�
�����������
���������������������
��
PATENTED
12-PIN SIP
PACKAGE STYLE DP
Formed leads availablewith
package styles ED & EE


Similar Part No. - PA92

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA92 CIRRUS-PA92 Datasheet
462Kb / 6P
High Voltage Power Operational Amplifiers
PA92 CIRRUS-PA92 Datasheet
207Kb / 6P
High Voltage Power Operational Amplifiers
PA92 CIRRUS-PA92 Datasheet
658Kb / 6P
High Voltage Power Operational Amplifiers
logo
List of Unclassifed Man...
PA92 ETC2-PA92 Datasheet
554Kb / 1P
High Voltage Power Operational Amplifiers
PA92A ETC2-PA92A Datasheet
554Kb / 1P
High Voltage Power Operational Amplifiers
More results

Similar Description - PA92

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PA44 ETC-PA44 Datasheet
66Kb / 4P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIER
logo
Cirrus Logic
PA95 APEX-PA95 Datasheet
62Kb / 4P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIER
logo
List of Unclassifed Man...
PA40 ETC1-PA40 Datasheet
64Kb / 4P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIER
logo
Cirrus Logic
PA240 APEX-PA240 Datasheet
384Kb / 5P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIER
PA243 APEX-PA243 Datasheet
461Kb / 5P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIER
PA46 APEX-PA46 Datasheet
68Kb / 4P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIER
PA140 APEX-PA140 Datasheet
76Kb / 4P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIER
PA240 CIRRUS-PA240 Datasheet
220Kb / 5P
High Voltage Power Operational Amplifier
PA241 CIRRUS-PA241 Datasheet
269Kb / 7P
High Voltage Power Operational Amplifier
PA243 CIRRUS-PA243 Datasheet
254Kb / 6P
High Voltage Power Operational Amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com