Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

158LBA063M2AC Datasheet(PDF) 4 Page - Illinois Capacitor, Inc.

Part # 158LBA063M2AC
Description  Multiple Case Sizes - High Voltage ??High Current
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

158LBA063M2AC Datasheet(HTML) 4 Page - Illinois Capacitor, Inc.

  158LBA063M2AC Datasheet HTML 1Page - Illinois Capacitor, Inc. 158LBA063M2AC Datasheet HTML 2Page - Illinois Capacitor, Inc. 158LBA063M2AC Datasheet HTML 3Page - Illinois Capacitor, Inc. 158LBA063M2AC Datasheet HTML 4Page - Illinois Capacitor, Inc. 158LBA063M2AC Datasheet HTML 5Page - Illinois Capacitor, Inc. 158LBA063M2AC Datasheet HTML 6Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
LBA
+85°C Standard 2000 hrs
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (mΩ)
120 Hz,
+20°C
Maximum
RMS Ripple
Current (A)
120 Hz,
+85°C
Dims DxL
(mm)
470
160
477LBA160M2AE
529.11
1.9
20x35
470
160
477LBA160M2BD
529.11
1.86
22x30
470
160
477LBA160M2CC
529.11
1.52
25x25
470
200
477LBA200M2BF
529.11
2.02
22x40
470
200
477LBA200M2CE
529.11
1.8
25x35
470
200
477LBA200M2CD
529.11
1.91
25x30
470
200
477LBA200M2AF
529.11
2.03
20x40
470
200
477LBA200M2BD
529.11
1.97
22x30
470
250
477LBA250M2BF
529.11
2.15
22x40
470
250
477LBA250M2CE
529.11
2.15
25x35
470
250
477LBA250M2DC
529.11
2.04
30x25
470
250
477LBA250M2BH
529.11
2.08
22x50
470
250
477LBA250M2CF
529.11
2.03
25x40
470
250
477LBA250M2DD 529.11
1.97
30x30
470
350
477LBA350M2DE
529.11
2.53
30x35
470
350
477LBA350M2ED
529.11
2.55
35x30
470
400
477LBA400M2DG
529.11
2.51
30x45
470
400
477LBA400M2EF
529.11
2.54
35x40
470
400
477LBA400M2EG
529.11
2.23
35x45
470
450
477LBA450M2EH
529.11
2.5
35x50
470
450
477LBA450M2EG
529.11
2.68
35x45
560
160
567LBA160M2AF
444.07
2.14
20x40
560
160
567LBA160M2BD
444.07
2.15
22x30
560
160
567LBA160M2CD
444.07
2.15
25x30
560
200
567LBA200M2BF
444.07
2.18
22x40
560
200
567LBA200M2CD
444.07
2.15
25x30
560
200
567LBA200M2DC
444.07
2.15
30x25
560
250
567LBA250M2BG
444.07
2.48
22x45
560
250
567LBA250M2CE
444.07
2.35
25x35
560
250
567LBA250M2DD 444.07
2.35
30x30
560
350
567LBA350M2DF
444.07
2.73
30x40
560
350
567LBA350M2EE
444.07
2.75
35x35
560
400
567LBA400M2EF
444.07
2.85
35x40
680
100
687LBA100M2AC
487.61
1.66
20x25
680
100
687LBA100M2BC
487.61
1.85
22x25
680
160
687LBA160M2DC
365.71
2.1
30x25
680
160
687LBA160M2BF
365.71
2.35
22x40
680
160
687LBA160M2CD
365.71
2.33
25x30
680
200
687LBA200M2BH
365.71
2.48
22x50
680
200
687LBA200M2CE
365.71
2.48
25x35
680
200
687LBA200M2DD 365.71
2.48
30x30
680
250
687LBA250M2CF
365.71
2.67
25x40
680
250
687LBA250M2DE
365.71
2.4
30x35
680
350
687LBA350M2EF
365.71
3.15
35x40
680
400
687LBA400M2EH
365.71
3.1
35x50
820
100
827LBA100M2AD
404.36
1.85
20x30
820
100
827LBA100M2BC
404.36
1.86
22x25
820
160
827LBA160M2BG
303.27
2.68
22x45
820
160
827LBA160M2CE
303.27
2.65
25x35
820
160
827LBA160M2DD 303.27
2.64
30x30
820
200
827LBA200M2BH
303.27
2.81
22x50
820
200
827LBA200M2CF
303.27
2.79
25x40
820
200
827LBA200M2DD 303.27
2.75
30x30
820
250
827LBA250M2DE
303.27
2.98
30x35
820
250
827LBA250M2ED
303.27
2.96
35x30
820
250
827LBA250M2CH
303.27
3.1
25x50
820
350
827LBA350M2EG
303.27
3.47
35x45
820
400
827LBA400M2EH
303.27
4
35x50
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (mΩ)
120 Hz,
+20°C
Maximum
RMS Ripple
Current (A)
120 Hz,
+85°C
Dims DxL
(mm)
1000
80
108LBA080M2AC
414.47
1.56
20x25
1000
80
108LBA080M2BC
414.47
1.65
22x25
1000
100
108LBA100M2CC
331.57
2.03
25x25
1000
100
108LBA100M2AE
331.57
2.02
20x35
1000
100
108LBA100M2BD
331.57
2.02
22x30
1000
160
108LBA160M2BH
248.68
3.02
22x50
1000
160
108LBA160M2CF
248.68
3
25x40
1000
160
108LBA160M2DD 248.68
2.8
30x30
1000
200
108LBA200M2DG
248.68
3.42
30x45
1000
200
108LBA200M2EE
248.68
3.35
35x35
1000
200
108LBA200M2CG
248.68
3.28
25x45
1000
200
108LBA200M2DE
248.68
3.15
30x35
1000
250
108LBA250M2DG
248.68
3
30x45
1000
250
108LBA250M2DH 248.68
3.65
30x50
1000
250
108LBA250M2EF
248.68
3.58
35x40
1000
350
108LBA350M2EH
248.68
3.6
35x50
1200
80
128LBA080M2AD
345.39
1.8
20x30
1200
80
128LBA080M2BC
345.39
1.77
22x25
1200
100
128LBA100M2AF
276.31
2.12
20x40
1200
100
128LBA100M2BD
276.31
2.12
22x30
1200
100
128LBA100M2CC
276.31
2.11
25x25
1200
160
128LBA160M2CG
207.23
3.43
25x45
1200
160
128LBA160M2DE
209.23
3.2
30x35
1200
160
128LBA160M2ED
207.23
3.2
35x30
1200
200
128LBA200M2CH
207.23
3.61
25x50
1200
200
128LBA200M2DF
207.23
3.61
30x40
1200
250
128LBA250M2DH 207.23
3.99
30x50
1200
250
128LBA250M2EF
207.23
3.84
35x40
1500
63
158LBA063M2AC
331.57
1.69
20x25
1500
63
158LBA063M2BC
331.57
2
22x25
1500
80
158LBA080M2AE
276.31
2.1
20x35
1500
80
158LBA080M2BD
276.31
2.01
22x30
1500
100
158LBA100M2BE
221.05
2.45
22x35
1500
100
158LBA100M2CD
221.05
2.47
25x30
1500
160
158LBA160M2DF
165.79
3.96
30x40
1500
160
158LBA160M2EE
165.79
3.48
35x35
1500
200
158LBA200M2EG
165.79
4.1
35x45
1500
200
158LBA200M2DG
165.79
3.75
30x45
1500
250
158LBA250M2EH
165.79
4
35x50
1800
50
188LBA050M2AC
322.36
1.7
20x25
1800
63
188LBA063M2AD
276.31
2.04
20x30
1800
63
188LBA063M2BC
276.31
1.9
22x25
1800
80
188LBA080M2AF
230.26
2.3
20x40
1800
80
188LBA080M2BD
230.26
2.11
22x30
1800
80
188LBA080M2CC
230.26
2.26
25x25
1800
100
188LBA100M2BF
184.21
2.77
22x40
1800
100
188LBA100M2CE
184.21
2.81
25x35
1800
100
188LBA100M2DC
184.21
2.65
30x25
1800
160
188LBA160M2DG
184.21
4.31
30x45
1800
160
188LBA160M2EE
184.21
4.28
35x35
1800
200
188LBA200M2EG
138.16
4.2
35x45
1800
200
188LBA200M2EH
138.16
4.38
35x50
2200
35
228LBA035M2CA
301.43
1.7
25x20
2200
50
228LBA050M2AD
263.75
2.07
20x30
2200
50
228LBA050M2BC
263.75
2
22x25
2200
63
228LBA063M2CC
226.07
2.3
25x25
2200
63
228LBA063M2AE
226.07
2.4
20x35
2200
63
228LBA063M2BD
226.07
2.35
22x30



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com