Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

1054375 Datasheet(PDF) 7 Page - SICK AG

Part # 1054375
Description  IMAGE-BASED CODE READERS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1054375 Datasheet(HTML) 7 Page - SICK AG

  1054375 Datasheet HTML 1Page - SICK AG 1054375 Datasheet HTML 2Page - SICK AG 1054375 Datasheet HTML 3Page - SICK AG 1054375 Datasheet HTML 4Page - SICK AG 1054375 Datasheet HTML 5Page - SICK AG 1054375 Datasheet HTML 6Page - SICK AG 1054375 Datasheet HTML 7Page - SICK AG 1054375 Datasheet HTML 8Page - SICK AG 1054375 Datasheet HTML 9Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
ICR620S-T11504 Professional | Lector62x
IMAGE-BASED CODE READERS
Field of view
0
0
Field of view in mm² (sq inch)
Working distance/focus position in mm (inch)
100 x 64
(3.94 x 2.52)
150 x 96
(5.91 x 3.78)
200 x 128
(7.87 x 5.04)
250 x 160
(9.84 x 6.30)
300 x 192
(11.81 x 7.56)
350 x 224
(13.78 x 8.82)
325 x 208
(12.18 x 8.19)
50 x 32
(1.97 x 1.26)
75 x 48
(2.95 x 1.89)
125 x 80
(4.92 x 3.15)
175 x 112
(6.89 x 4.41)
225 x 144
(8.86 x 5.67)
275 x 176
(10.83 x 6.93)
25 x 16
(0.98 x 0.63)
100
(3.94)
200
(7.87)
300
(11.81)
400
(15.75)
500
(19.69)
550 x 352
(21.65 x 13.86)
650 x 416
(25.60 x 16.38)
450 x 288
(17.72 x 11.34)
500 x 320
(19.69 x 12.60)
600 x 384
(23.62 x 15.12)
400 x 256
(15.75 x 10.08)
600
(23.62)
700
(27.56)
800
(31.50)
900
(35.43)
1000
(39.37)
625 x 400
(24.61 x 15.75)
575 x 368
(22.64 x 14.49)
525 x 336
(20.67 x 13.23)
475 x 304
(18.70 x 11.97)
425 x 272
(16.73 x 10.71)
375 x 240
(14.76 x 9.45)
Min. resolution in mm (mil)
1D code
2D code
a: f = 7 mm (ICR620E-H12013, ICR620S-T11503, ICR620S-T11504)
b: f = 12 mm (ICR620D-T31503)
a
b
c
1.0
(39.4)
1.2
(47.2)
0.2
(7.9)
0.7
(27.6)
0.6
(23.6)
0.4
(15.7)
0.9
(35.4)
0.8
(31.5)
0.5
(19.7)
0.3
(11.8)
0.1
(3.9)
1.1
(43.3)
1.3
(51.2)
c: f = 18 mm (ICR620D-T51503)
1.4
(55.1)
1.0
(39.4)
1.2
(47.2)
0.2
(7.9)
0.7
(27.6)
0.6
(23.6)
0.4
(15.7)
0.8
(31.5)
0.5
(19.7)
0.3
(11.8)
0.1
(3.9)
1.1
(43.3)
1.3
(51.2)
1.5
(59.1)
0.9
(35.4)
1.6
(63.0)
1.7
(66.9)
2017-03-22 15:18:07 | Online data sheet
Subject to change without notice
IDENTIFICATION SOLUTIONS | SICK
7



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com