Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PI3B16224 Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI3B16224
Description  3.3V, Hot Insertion, 16-Bit, 2-Port BusSwitch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3B16224 Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI3B16224 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3B16224 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3B16224 Datasheet HTML 3Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
PS8189C
09/13/99
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI3B16245/PI3B162245
3.3V, Hot Insertion, 16-Bit, 2-Port BusSwitch
Capacitance (TA= 25°C, f = 1 MHz)
Parameters(4)
Description
Test Conditions
Typ
Units
CIN
Input Capacitance
VIN = 0V
3.0
pF
COFF
A/B Capacitance, Switch Off
VIN = 0V
8.5
pF
CON
A/B Capacitance, Switch On
VIN = 0V
17.0
pF
DC Electrical Characteristics (Over the Operating Range, TA = –40°C to +85°C, VCC = 3.0V to 3.6V)
Parameters Description
Test Conditions(1)
Min.
Typ(2)
Max.
Units
VIH
Input HIGH Voltage
Guaranteed Logic HIGH Level
2.0
—
—
V
VIL
Input LOW Voltage
Guaranteed Logic LOW Level
–0.5
—
0.8
V
IIH
Input HIGH Current
VCC = Max., VIN = VCC
——
±1
µA
IIL
Input LOW Current
VCC = Max., VIN = GND
—
—
±1
µA
IOZH
High Impedance Output Current
0
≤ A, B ≤ VCC
——
±1
µA
VIK
Clamp Diode Voltage
VCC = Min., IIN = –18mA
—
–0.7
–1.2
V
RON
Switch On Resistance
(3)
VCC = Min., VIN = 0.0V,
16245
—
5
8
Ω
ION = 48mA
162245
20
28
40
VCC = Min., VIN = 2.4V,
16245
—
10
15
Ω
ION = 15mA
162245
2 0
3 5
4 8
Storage Temperature ....................................................... –65°C to +150°C
Ambient Temperature with Power Applied ........................ –0°C to +85°C
Supply Voltage Range ........................................................ –0.5V to +4.6V
DC Input Voltage ............................................................... –0.5V to +4.6V
DC Output Current ......................................................................... 120 mA
Power Dissipation ............................................................................... 0.5W
Notes:
1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at VCC = 3.3V, TA = 25°C ambient and maximum loading.
3. Measured by the voltage drop between A and B pin at indicated current through the switch. ON resistance is determined
by the lower of the voltages on the two (A,B) pins.
4. This parameter is determined by device characterization but is not production tested.
Maximum Ratings
(Above which the useful life may be impaired. For user guidelines, not tested.)
Note:
Stresses greater than those listed under MAXIMUM
RATINGS may cause permanent damage to the device.
This is a stress rating only and functional operation of the
device at these or any other conditions above those indi-
cated in the operational sections of this specification is not
implied. Exposure to absolute maximum rating condi-
tions for extended periods may affect reliability.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com