Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

20ETFS Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 20ETFS
Description  Vishay High Power Products
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

20ETFS Datasheet(HTML) 1 Page - Vishay Siliconix

  20ETFS Datasheet HTML 1Page - Vishay Siliconix 20ETFS Datasheet HTML 2Page - Vishay Siliconix 20ETFS Datasheet HTML 3Page - Vishay Siliconix 20ETFS Datasheet HTML 4Page - Vishay Siliconix 20ETFS Datasheet HTML 5Page - Vishay Siliconix 20ETFS Datasheet HTML 6Page - Vishay Siliconix 20ETFS Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Document Number: 93141
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com
Revision: 22-Oct-08
1
Fast Soft Recovery
Rectifier Diode, 20 A
20ETF..S Soft Recovery Series
Vishay High Power Products
FEATURES/DESCRIPTION
The 20ETF..S fast soft recovery rectifier series has been
optimized for combined short reverse recovery time and low
forward voltage drop.
The glass passivation ensures stable reliable operation in
the most severe temperature and power cycling conditions.
This product series has been designed and qualified for
industrial level.
APPLICATIONS
• Output
rectification
and
freewheeling
in
inverters,
choppers and converters
• Input rectifications where severe restrictions on conducted
EMI should be met
PRODUCT SUMMARY
VF at 20 A
< 1.31 V
IFSM
355 A
VRRM
800 to 1200 V
D2PAK (SMD-220)
Base
common
cathode
+
3
Anode
2
1
Anode --
MAJOR RATINGS AND CHARACTERISTICS
SYMBOL
CHARACTERISTICS
VALUES
UNITS
IF(AV)
Sinusoidal waveform
20
A
VRRM
800 to 1200
V
IFSM
355
A
VF
20 A, TJ = 25 °C
1.31
V
trr
1 A, 100 A/µs
95
ns
TJ
Range
- 40 to 150
°C
VOLTAGE RATINGS
PART NUMBER
VRRM, MAXIMUM PEAK
REVERSE VOLTAGE
V
VRSM, MAXIMUM NON-REPETITIVE
PEAK REVERSE VOLTAGE
V
IRRM
AT 150 °C
mA
20ETF08S
800
900
6
20ETF10S
1000
1100
20ETF12S
1200
1300
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum average forward current
IF(AV)
TC = 97 °C, 180° conduction half sine wave
20
A
Maximum peak one cycle
non-repetitive surge current
IFSM
10 ms sine pulse, rated VRRM applied
300
10 ms sine pulse, no voltage reapplied
355
Maximum I2t for fusing
I2t
10 ms sine pulse, rated VRRM applied
450
A2s
10 ms sine pulse, no voltage reapplied
635
Maximum I2
√t for fusing
I2
√t
t = 0.1 to 10 ms, no voltage reapplied
6350
A2
√s


Similar Part No. - 20ETFS

ManufacturerPart #DatasheetDescription
logo
International Rectifier
20ETF IRF-20ETF Datasheet
111Kb / 7P
FAST SOFT RECOVERY
20ETF IRF-20ETF Datasheet
211Kb / 8P
SURFACE MOUNTABLE FAST SOFT RECOVERY RECTIFIER DIODE
logo
Vishay Siliconix
20ETF VISHAY-20ETF Datasheet
201Kb / 7P
Vishay High Power Products
12-Jun-08
logo
International Rectifier
20ETF02 IRF-20ETF02 Datasheet
196Kb / 7P
FAST SOFT RECOVERY RECTIFIER DIODE
logo
Vishay Siliconix
20ETF02 VISHAY-20ETF02 Datasheet
332Kb / 8P
Fast Soft Recovery Rectifier Diode, 20 A
15-Apr-08
More results

Similar Description - 20ETFS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLMP3101 VISHAY-TLMP3101 Datasheet
306Kb / 10P
Vishay Semiconductors
31-Aug-04
logo
Shenzhen Luguang Electr...
MUR1520 LUGUANG-MUR1520 Datasheet
118Kb / 4P
High Power Products
logo
Vishay Siliconix
IRF620STRLPBF VISHAY-IRF620STRLPBF Datasheet
141Kb / 8P
Vishay Siliconix
30-May-11
20ETF VISHAY-20ETF Datasheet
201Kb / 7P
Vishay High Power Products
12-Jun-08
20ETFFP VISHAY-20ETFFP Datasheet
290Kb / 7P
Vishay High Power Products
12-Jun-08
60EPF VISHAY-60EPF Datasheet
205Kb / 7P
Vishay High Power Products
09-Dec-09
60EPFPBF VISHAY-60EPFPBF Datasheet
188Kb / 7P
Vishay High Power Products
05-Jun-08
60EPS VISHAY-60EPS Datasheet
127Kb / 6P
Vishay High Power Products
25-Aug-08
80EPFPBF VISHAY-80EPFPBF Datasheet
209Kb / 8P
Vishay High Power Products
05-Jun-08
80EPS VISHAY-80EPS Datasheet
119Kb / 6P
Vishay High Power Products
07-Jul-09
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com