Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BAS16X Datasheet(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited

Part # BAS16X
Description  High speed Switching Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

BAS16X Datasheet(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited

  BAS16X_12 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited BAS16X_12 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited BAS16X_12 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Production specification
High speed Switching Diode
BAS16X
H008
www.gmicroelec.com
Rev.A
2
ELECTRICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Reverse breakdown voltage
V(BR)R
85
V
IR=100μA
Forward voltage
VF
0.715
0.815
1
1.25
V
IF=1mA
IF=10mA
IF=50mA
IF=150mA
Reverse current
IR
2.0
30
μA
nA
VR=75V
VR=25V
Diode capacitance
Cd
1.5
pF
VR=0V,f=1MHz
Reverse recovery time
trr
4
ns
IF=IR=10mA,RL=100Ω
TYPICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com