Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DA14583 Datasheet(PDF) 21 Page - Dialog Semiconductor

Part # DA14583
Description  Bluetooth Low Energy 4.2 SoC with Flash Memory
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA14583 Datasheet(HTML) 21 Page - Dialog Semiconductor

Back Button DA14583_16 Datasheet HTML 17Page - Dialog Semiconductor DA14583_16 Datasheet HTML 18Page - Dialog Semiconductor DA14583_16 Datasheet HTML 19Page - Dialog Semiconductor DA14583_16 Datasheet HTML 20Page - Dialog Semiconductor DA14583_16 Datasheet HTML 21Page - Dialog Semiconductor DA14583_16 Datasheet HTML 22Page - Dialog Semiconductor DA14583_16 Datasheet HTML 23Page - Dialog Semiconductor DA14583_16 Datasheet HTML 24Page - Dialog Semiconductor DA14583_16 Datasheet HTML 25Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 150 page
background image
Datasheet
Revision 3.0
04-Nov-2016
CFR0011-120-01
21 of 150
© 2014 Dialog Semiconductor
DA14583
Bluetooth Low Energy 4.2 SoC with Flash Memory
FINAL
0x50001502
GP_ADC_CTRL2_REG
General Purpose ADC Second Control Register
0x50001504
GP_ADC_OFFP_REG
General Purpose ADC Positive Offset Register
0x50001506
GP_ADC_OFFN_REG
General Purpose ADC Negative Offset Register
0x50001508
GP_ADC_CLEAR_INT_REG
General Purpose ADC Clear Interrupt Register
0x5000150A
GP_ADC_RESULT_REG
General Purpose ADC Result Register
0x5000150C
GP_ADC_DELAY_REG
General Purpose ADC Delay Register
0x5000150E
GP_ADC_DELAY2_REG
General Purpose ADC Second Delay Register
0x50001600
CLK_REF_SEL_REG
Select clock for oscillator calibration
0x50001602
CLK_REF_CNT_REG
Count value for oscillator calibration
0x50001604
CLK_REF_VAL_L_REG
XTAL16M reference cycles, lower 16 bits
0x50001606
CLK_REF_VAL_H_REG
XTAL16M reference cycles, upper 16 bits
0x50003000
P0_DATA_REG
P0 Data input / output register
0x50003002
P0_SET_DATA_REG
P0 Set port pins register
0x50003004
P0_RESET_DATA_REG
P0 Reset port pins register
0x50003006
P00_MODE_REG
P00 Mode Register
0x50003008
P01_MODE_REG
P01 Mode Register
0x5000300A
P02_MODE_REG
P02 Mode Register
0x5000300C
P03_MODE_REG
P03 Mode Register
0x5000300E
P04_MODE_REG
P04 Mode Register
0x50003010
P05_MODE_REG
P05 Mode Register
0x50003012
P06_MODE_REG
P06 Mode Register
0x50003014
P07_MODE_REG
P07 Mode Register
0x50003020
P1_DATA_REG
P1 Data input / output register
0x50003022
P1_SET_DATA_REG
P1 Set port pins register
0x50003024
P1_RESET_DATA_REG
P1 Reset port pins register
0x50003026
P10_MODE_REG
P10 Mode Register
0x50003028
P11_MODE_REG
P11 Mode Register
0x5000302A
P12_MODE_REG
P12 Mode Register
0x5000302C
P13_MODE_REG
P13 Mode Register
0x5000302E
P14_MODE_REG
P14 Mode Register
0x50003030
P15_MODE_REG
P15 Mode Register
0x50003040
P2_DATA_REG
P2 Data input / output register
0x50003042
P2_SET_DATA_REG
P2 Set port pins register
0x50003044
P2_RESET_DATA_REG
P2 Reset port pins register
0x50003046
P20_MODE_REG
P20 Mode Register
0x50003048
P21_MODE_REG
P21 Mode Register
0x5000304A
P22_MODE_REG
P22 Mode Register
0x5000304C
P23_MODE_REG
P23 Mode Register
0x5000304E
P24_MODE_REG
P24 Mode Register
0x50003050
P25_MODE_REG
P25 Mode Register
0x50003052
P26_MODE_REG
P26 Mode Register
0x50003054
P27_MODE_REG
P27 Mode Register
0x50003056
P28_MODE_REG
P28 Mode Register
0x50003058
P29_MODE_REG
P29 Mode Register
Table 4: Register Map
Address
Port
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com