Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

03S30R-MSOS3 Datasheet(PDF) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # 03S30R-MSOS3
Description  RPC-3.50 Calibration Kit Plug
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

03S30R-MSOS3 Datasheet(HTML) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  03S30R-MSOS3 Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 03S30R-MSOS3 Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 03S30R-MSOS3 Datasheet HTML 3Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Technical Data Sheet
RPC-3.50
Calibration Kit
Plug
03S30R-MSOS3
Rosenberger Hochfrequenztechnik GmbH & Co. KG
P.O.Box 1260
D-84526 Tittmoning
Germany
www.rosenberger.de
Tel.
: +49 8684 18-0
Email : info@rosenberger.de
Page
2 / 3
Electrical data
Frequency range
DC to 26.5 GHz
Open
Error from nominal phase
1
≤ 1.0°, DC to 4 GHz
≤ 2.0°, 4 GHz to 8 GHz
≤ 3.0°, 8 GHz to 26.5 GHz
Short
Error from nominal phase
2
≤ 1.0°, DC to 4 GHz
≤ 2.0°, 4 GHz to 8 GHz
≤ 3.0°, 8 GHz to 26.5 GHz
Load
Return loss
≥ 40.0 dB, DC to 4 GHz
≥ 35.0 dB, 4 GHz to 8 GHz
≥ 30.0 dB, 8 GHz to 26.5 GHz
DC Resistance
50
Ω ± 0.5 Ω
Power handling
≤ 0.5 W
1
The nominal phase is defined by the Offset Delay, the Offset Loss and the Fringing Capacitances
2
The nominal phase is defined by the Offset Delay, the Offset Loss and the Short Inductance
Mechanical data
Mating cycles
≥ 500
Maximum torque
1.70 Nm
Recommended torque
0.90 Nm
Gauge
0.00 mm to 0.08 mm
General standard definitions
For proper operation the vector network analyzer (VNA) needs a model describing the electrical behaviour
of this calibration standard. The different models, units, and terms used will depend on the VNA type and they
will have to be entered into the VNA. All values are based on typical geometry and plating.
Open
Offset Zo / Impedance / Zo
50
Ω
Offset Delay
33.356 ps
Length (electrical) / Offset Length
10.00 mm
Offset Loss
2.20 GΩ/s
Loss
0.0127 dB/ GHz
Fringing Capacitances
C0 = -17.000 x 10
-15 F
/
-17.000 fF
C1 = -2000.0 x 10
-27 F/Hz
/
-2.0000 fF /GHz
C2 =
147.00 x 10
-36 F/Hz2
/
0.1470 fF /GHz
2
C3 = -3.0000 x 10
-45 F/Hz3 /
-0.0030 fF /GHz
3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com