Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP3984 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3984
Description  Micropower, 150mA Ultra Low-Dropout CMOS Voltage Regulator in Subminiature 4-I/O micro SMD Package
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3984 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LP3984 Datasheet HTML 1Page - National Semiconductor (TI) LP3984 Datasheet HTML 2Page - National Semiconductor (TI) LP3984 Datasheet HTML 3Page - National Semiconductor (TI) LP3984 Datasheet HTML 4Page - National Semiconductor (TI) LP3984 Datasheet HTML 5Page - National Semiconductor (TI) LP3984 Datasheet HTML 6Page - National Semiconductor (TI) LP3984 Datasheet HTML 7Page - National Semiconductor (TI) LP3984 Datasheet HTML 8Page - National Semiconductor (TI) LP3984 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Absolute Maximum Ratings (Notes 1,
2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
V
IN,VOUT,VEN
−0.3 to 6.5V
Junction Temperature
150˚C
Storage Temperature
−65˚C to +150˚C
Lead Temp. (Note 3)
235˚C
Pad Temp. (Note 3)
235˚C
Power Dissipation (Note 4)
θ
JA (SOT23-5)
θ
JA (micro SMD)
220˚C/W
340˚C/W
Maximum Power Dissipation
SOT23-5
Micro SMD
364mW
235mW
ESD Rating(Note 5)
Human Body Model
Machine Model
2kV
200V
Operating Ratings (Notes 1, 2)
V
IN
2.5 to 6V
V
EN
0to(V
IN + 0.3V)
Junction Temperature
−40˚C to +125˚C
Maximum Power Dissipation (Note 6)
SOT23-5
micro SMD
250mW
160mW
Electrical Characteristics
Unless otherwise specified: V
IN = 2.5V for 1.5, 1.8, & 2.0V options, VIN =VOUT + 0.5 for output options higher than 2.5V, CIN =
1 µF, I
OUT = 1mA, COUT = 1 µF, tantalum. Typical values and limits appearing in standard typeface are for TJ = 25˚C. Limits
appearing in boldface type apply over the entire junction temperature range for operation, −40˚C to +125˚C. (Note 7) (Note 8)
Symbol
Parameter
Conditions
Typ
Limit
Units
Min
Max
∆V
OUT
Output Voltage
Tolerance
−1.2
−2.0
1.2
2.0
%of
V
OUT(nom)
Line Regulation Error
V
IN = 2.5V to 4.5V for 1.5, 1.8, 2.0V
options
V
IN =(VOUT + 0.5V) to 4.5V for
Voltage options higher than 2.5V
0.05
−0.15
0.15
%/V
Load Regulation Error
(Note 9)
I
OUT = 1 mA to 150 mA
LP3984IM5 (SOT23-5)
0.002
0.005
%/mA
LP3984IBP (micro SMD)
0.0009
0.002
PSRR
Power Supply Rejection Ratio
V
IN =VOUT(nom) + 0.2V,
f = 1 kHz,
I
OUT = 50mA(Figure 2)
60
dB
V
IN =VOUT(nom) + 0.2V,
f = 10 kHz,
I
OUT = 50mA(Figure 2)
40
I
Q
Quiescent Current
V
EN = 1.4V, IOUT = 0 mA
80
125
µA
V
EN = 1.4V, IOUT = 0 to 150 mA
110
150
V
EN = 0.4V
0.005
1.2
Dropout Voltage (Note 10)
I
OUT =1mA
0.6
2.5
mV
I
OUT =50mA
25
40
I
OUT = 100 mA
50
80
I
OUT = 150 mA
75
120
I
SC
Short Circuit Current Limit
Output Grounded
(Steady State)
600
mA
I
OUT(PK)
Peak Output Current
V
OUT ≥ VOUT(nom) - 5%
600
300
mA
T
ON
Turn-On Time
(Note 11)
20
µs
e
n
Output Noise Voltage
BW = 10 Hz to 100 kHz,
C
OUT = 1µF tant.
90
µVrms
I
EN
Maximum Input Current at EN
V
EN = 0.4 and VIN = 6.0
±1nA
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com