Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS55166 Datasheet(PDF) 26 Page - Texas Instruments

Part # TMS55166
Description  262144 BY 16-BIT MULTIPORT VIDEO RAM
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS55166 Datasheet(HTML) 26 Page - Texas Instruments

Back Button TMS55166 Datasheet HTML 22Page - Texas Instruments TMS55166 Datasheet HTML 23Page - Texas Instruments TMS55166 Datasheet HTML 24Page - Texas Instruments TMS55166 Datasheet HTML 25Page - Texas Instruments TMS55166 Datasheet HTML 26Page - Texas Instruments TMS55166 Datasheet HTML 27Page - Texas Instruments TMS55166 Datasheet HTML 28Page - Texas Instruments TMS55166 Datasheet HTML 29Page - Texas Instruments TMS55166 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 70 page
background image
TMS55165, TMS55166, TMS55175, TMS55176
262144 BY 16-BIT MULTIPORT VIDEO RAM
SMVS463 – DECEMBER 1995
26
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
load color register (continued)
RAS
CAS
A0 – A8
WEx
TRG
DSF
DQ0 – DQ15
1
23
5
6
Load-Mask-Register Cycle
Load-Color-Register Cycle
Persistent Write-Per-Bit
Block-Write Cycle
1
4
Legend:
1. Refresh address: A0 – A8 are latched on the falling edge of RAS.
2. Row address: A0 – A8 are latched on the falling edge of RAS.
3. Block address A2 – A8 (TMS5516x) or A3 – A8 (TMS5517x) are latched on the falling edge of CAS.
4. Color data: DQ0 – DQ15 are latched on the falling edge CAS or the first falling edge of WEx, whichever occurs first.
5. Write-mask data: DQ0 – DQ15 are latched on the falling edge RAS.
6. Column-mask data: DQ0 – DQ15 are latched on the falling edge CAS or the first falling edge of WEx, whichever occurs first.
= don’t care
Figure 17. Example of a Persistent Block Write
DRAM-to-SAM transfer operation
During the DRAM-to-SAM transfer operation, one half of a row (256 columns) in the DRAM array is selected
to be transferred to the 256-bit serial-data register. The transfer operation is invoked by bringing TRG low and
holding WEx high on the falling edge of RAS. The state of DSF, which is latched on the falling edge of RAS,
determines whether the full-register-transfer operation or the split-register-transfer operation is performed.
Table 5. SAM Function Table
FUNCTION
RAS FALL
CAS
FALL
ADDRESS
DQ0 – DQ15
MNE
FUNCTION
CAS
TRG
WEx†
DSF
DSF
RAS
CAS
RAS
CAS
WEx
MNE
CODE
Full-register-transfer read
H
L
H
L
X
Row
Addr
Tap
Point
X
X
RT
Split-register-transfer read
H
L
H
H
X
Row
Addr
Tap
Point
X
X
SRT
† Logic L is selected when either or both WEL and WEU are low.
X = don’t care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com