Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FT4232HL Datasheet(PDF) 39 Page - Future Technology Devices International Ltd.

Part # FT4232HL
Description  Quad High Speed USB to Multipurpose UART/MPSSE IC
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT4232HL Datasheet(HTML) 39 Page - Future Technology Devices International Ltd.

Back Button FT4232HL Datasheet HTML 35Page - Future Technology Devices International Ltd. FT4232HL Datasheet HTML 36Page - Future Technology Devices International Ltd. FT4232HL Datasheet HTML 37Page - Future Technology Devices International Ltd. FT4232HL Datasheet HTML 38Page - Future Technology Devices International Ltd. FT4232HL Datasheet HTML 39Page - Future Technology Devices International Ltd. FT4232HL Datasheet HTML 40Page - Future Technology Devices International Ltd. FT4232HL Datasheet HTML 41Page - Future Technology Devices International Ltd. FT4232HL Datasheet HTML 42Page - Future Technology Devices International Ltd. FT4232HL Datasheet HTML 43Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 55 page
background image
Copyright © Future Technology Devices International Limited
39
FT4232H QUAD HIGH SPEED USB TO MULTIPURPOSE UART/MPSSE IC
Datasheet
Version 2.4
Document No.: FT_000060 Clearance No.: FTDI#78
6.3 Oscillator Configuration
Figure 6.5 Recommended FT4232H Crystal Oscillator Configuration.
Figure 6.5 illustrates how to connect the FT4232H with a 12MHz ± 0.003% crystal. In this case loading
capacitors should to be added between OSCI, OSCO and GND as shown. A value of 27pF is shown as the
capacitor in the example – this will be good for many crystals but it is recommended to select the loading
capacitor value based on the manufacturer’s recommendations wherever possible. It is recommended to
use a parallel cut type crystal.
It is also possible to use a 12 MHz oscillator with the FT4232H. In this case the output of the oscillator
would drive OSCI, and OSCO should be left unconnected. The oscillator must have a CMOS output drive
capability.
Parameter
Description
Minimum
Typical
Maximum
Units
Conditions
OSCI Vin
Input Voltage
2.97
3.30
3.63
V
FIn
Input Frequency
12
MHz
+/- 30ppm
Ji
Cycle to cycle jitter
< 150
pS
Table 6.1 OSCI Input characteristics
OSCI
OSCO
2
3
FT4232H
Crystal
12MHz
27pF
27pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com