Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RF071MM2STF Datasheet(PDF) 1 Page - Rohm

Part # RF071MM2STF
Description  Super Fast Recovery Diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RF071MM2STF Datasheet(HTML) 1 Page - Rohm

  RF071MM2STF Datasheet HTML 1Page - Rohm RF071MM2STF Datasheet HTML 2Page - Rohm RF071MM2STF Datasheet HTML 3Page - Rohm RF071MM2STF Datasheet HTML 4Page - Rohm RF071MM2STF Datasheet HTML 5Page - Rohm RF071MM2STF Datasheet HTML 6Page - Rohm RF071MM2STF Datasheet HTML 7Page - Rohm RF071MM2STF Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Datasheet
www.rohm.com
© 2015 ROHM Co., Ltd. All rights reserved.
Super Fast Recovery Diode
RF071MM2STF
AEC-Q101 Qualified
Series
Dimensions (Unit : mm)
Land size figure (Unit : mm)
Standard Fast Recovery
Application
General rectification
Features
Structure
1) Ultra low forward voltage
2)
Taping Dimensions (Unit : mm)
Construction
Silicon epitaxial planar type
Absolute maximum ratings (T
a= 25°C)
Symbol
Unit
Repetitive peak reverse voltage
VRM
V
Reverse voltage
VR
V
Direct forward current
IF
A
Average rectified foward current
Io
A
IFSM
A
Operating junction temperature
Tj
°C
Storage temperature
Tstg
°C
Electrical characteristics (T
j = 25°C)
Symbol
Min.
Typ. Max.
Unit
VF
0.7
0.78
0.85
V
Reverse current
IR
-0.01
10
A
Reverse recovery time
trr
-
12
25
ns
Thermal resistance
Rth(j-l)
--
20
°C / W
15
150
55 to 150
VR=200V
Direct reverse voltage
-1
IF=0.7A
On glass epoxy substrate
60Hz half sin wave , Resistive load
Low switching loss
Duty≦0.5
IF=0.5A, IR=1A, Irr=0.25×IR
Junction to lead
Non-repetitive forward surge current
Parameter
Forward voltage
Conditions
60Hz half sin wave ,Non-repetitive at Tj=25°C
-
-
Parameter
Conditions
Limits
0.7
200
200
1
ROHM : PMDU
JEITA : SOD-123
: Manufacture Date
PMDU
1.2
Cathode
Anode
4.0±0.1
2.0±0.05
φ1.55±0.05
1.81±0.1
4.0±0.1
φ1.0±0.1
0.25±0.05
1.5MAX
1.550.05
1.00.1
0.9±0.1
1.6±0.1
0.8±0.1
0.1±0.1
    0.05
1/4
2015.07 - Rev.A


Similar Part No. - RF071MM2STF

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
RF071MM2STR INFINEON-RF071MM2STR Datasheet
1Mb / 36P
iMOTION™ modular application design kit
Revision 1.1 2020-09-29
More results

Similar Description - RF071MM2STF

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
DF10LC30 SHINDENGEN-DF10LC30 Datasheet
558Kb / 2P
Super Fast Recovery Diode
M2FL20U SHINDENGEN-M2FL20U Datasheet
605Kb / 2P
Super Fast Recovery Diode
logo
Rohm
RFU20TM5S ROHM-RFU20TM5S_11 Datasheet
1,019Kb / 4P
Super Fast Recovery Diode
RFUS20TM4S ROHM-RFUS20TM4S_11 Datasheet
993Kb / 4P
Super Fast Recovery Diode
RF2001NS3D ROHM-RF2001NS3D_11 Datasheet
1Mb / 5P
Super Fast Recovery Diode
RFN10NS3S ROHM-RFN10NS3S Datasheet
1Mb / 5P
Super Fast Recovery Diode
RFU02VS6S ROHM-RFU02VS6S Datasheet
1Mb / 5P
Super Fast Recovery Diode
RFUS10TF4S ROHM-RFUS10TF4S Datasheet
1Mb / 5P
Super Fast Recovery Diode
RFUS20NS4S ROHM-RFUS20NS4S_11 Datasheet
1Mb / 5P
Super Fast Recovery Diode
RF2L6STE25 ROHM-RF2L6STE25 Datasheet
358Kb / 4P
Super Fast Recovery Diode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com