Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

JAN2N4859 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # JAN2N4859
Description  N-CHANNEL J-FET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

JAN2N4859 Datasheet(HTML) 2 Page - Microsemi Corporation

  JAN2N4859 Datasheet HTML 1Page - Microsemi Corporation JAN2N4859 Datasheet HTML 2Page - Microsemi Corporation JAN2N4859 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2N4856, 2N4857, 2N4858, 2N4859, 2N4860, 2N24861 JAN SERIES
ELECTRICAL CHARACTERISTICS (TC = 25
0C unless otherwise noted) (con’t)
Parameters / Test Conditions
Symbol
Min.
Max.
Units
Drain Current
VGS = 0, VDS = 15 Vdc
2N4856, 2N4859
2N4857, 2N4860
2N4858, 2N4861
IDSS
50
20
8.0
175
100
80
mA
Static Drain - Source “On” State Resistance
VGS = 0, ID = 1.0 mAdc
2N4856, 2N4859
2N4857, 2N4860
2N4858, 2N4861
rds(on)
25
40
60
Ω
Drain-Source “On” State Voltage
VGS = 0, ID = 20 mAdc
2N4856, 2N4859
VGS = 0, ID = 10 mAdc
2N4857, 2N4860
VGS = 0, ID = 5.0 mAdc
2N4858, 2N4861
VDS(on)
0.75
0.50
0.50
Vdc
Small-Signal, Common-Source Reverse Transfer Capacitance
VGS = -10 Vdc, VDS = 0, f = 1.0 MHz
C1 = 0.1µF, L1 = L2 ≥ 500 µH
Crss
8.0
pF
Small-Signal, Common-Source Short-Circuit Input Capacitance
VGS = -10 Vdc, VDS = 0, f = 1.0 MHz
C1 = 0.1µF, C2 = 20.1 m
FL1 = L2 ≥ 500 µH
Ciss
18
pF
Turn-On Delay Time
2N4856, 2N4859
2N4857, 2N4860
2N4858, 2N4861
td
on
6
6
10
ηs
Rise Time
2N4856, 2N4859
2N4857, 2N4860
2N4858, 2N4861
tr
3
4
10
ηs
Turn-Off Delay Time
2N4856, 2N4859
2N4857, 2N4860
2N4858, 2N4861
See Figure 3
of MIL-PRF-
19500/385
td
off
25
50
100
ηs
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101
Page 2 of 2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com