Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FJH-30-R-12.00-4 Datasheet(PDF) 1 Page - Samtec, Inc

Part # FJH-30-R-12.00-4
Description  FLAT FLEXIBLE CABLE (FFC) JUMPER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc

FJH-30-R-12.00-4 Datasheet(HTML) 1 Page - Samtec, Inc

  FJH-30-R-12.00-4 Datasheet HTML 1Page - Samtec, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
(0.50 mm) .0197"
FJH SERIES
Double or
reversed ended
(0.50 mm)
.0197"
pitch
(4.00 mm)
.157"
FJH–20–D–04.00–4
FJH–10–D–06.00–4
WWW.SAMTEC.COM
Due to technical progress, all designs, specifications and components are subject to change without notice.
For complete specifications
see www.samtec.com?FJH
Conductor:
Tin Plated Copper
Conductor
Resistance:
1000
W/km max
Insulation Resistance:
10 M
W/km min
(conductor-to-conductor)
Dielectric Test:
400 VAC during 1 minute
(conductor-to-conductor)
Temperature Rating:
-30 °C to +80 °C
Voltage Rating:
60 VAC
Flame Resistance:
VW-1 (UL 758)
RoHS Compliant:
Yes
OVERALL
LENGTH
FJH
NO. OF
POSITIONS
–4
= (4.00 mm)
.157"
–10, –15, –20, –25,
–30, –40, –43, –50
STYLE
Note: Some sizes, styles and
options are non-standard,
non-returnable.
STRIP
LENGTH
–“XX.XX”
= Specify
OVERALL LENGTH
in inches (±1/8 inch)
(–D & –R = (50.80 mm) 2.00"
minimum)
–D
= Double End
–R
= Reversed
End
OVERALL LENGTH
(0.10)
.004
(4.00)
.157
(0.50)
.0197
(0.30)
.012
(0.30)
.012
(5.26)
.207
(0.58)
.023
(0.33)
.013
(No. of positions
x (0.50) .0197)
+ (0.50) .0197
–D Style
–R Style
Mates with:
ZF5S
Note: Stiffener color will be
blue or black at Samtec’s
discretion.
SPECIFICATIONS
FLAT FLEXIBLE CABLE (FFC) JUMPER
F-217


Similar Part No. - FJH-30-R-12.00-4

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
FJH-10-D-06.00-4 SAMTEC-FJH-10-D-06.00-4 Datasheet
173Kb / 1P
FLAT FLEXIBLE CABLE (FFC) JUMPER
FJH-20-D-04.00-4 SAMTEC-FJH-20-D-04.00-4 Datasheet
173Kb / 1P
FLAT FLEXIBLE CABLE (FFC) JUMPER
FJH-40-D-02.00-4 SAMTEC-FJH-40-D-02.00-4 Datasheet
173Kb / 1P
FLAT FLEXIBLE CABLE (FFC) JUMPER
More results

Similar Description - FJH-30-R-12.00-4

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
ZF5-24-01-T-WT-TR SAMTEC-ZF5-24-01-T-WT-TR Datasheet
360Kb / 1P
FLAT FLEXIBLE CABLE (FFC) SOCKET
FJ-20-D-02.00-2 SAMTEC-FJ-20-D-02.00-2 Datasheet
155Kb / 1P
FLAT FLEXIBLE CABLE (FFC) JUMPER
FJH-10-D-06.00-4 SAMTEC-FJH-10-D-06.00-4 Datasheet
173Kb / 1P
FLAT FLEXIBLE CABLE (FFC) JUMPER
FJH-20-D-04.00-4 SAMTEC-FJH-20-D-04.00-4 Datasheet
173Kb / 1P
FLAT FLEXIBLE CABLE (FFC) JUMPER
FJH-40-D-02.00-4 SAMTEC-FJH-40-D-02.00-4 Datasheet
173Kb / 1P
FLAT FLEXIBLE CABLE (FFC) JUMPER
logo
Wurth Elektronik GmbH &...
686606152001 WURTH-686606152001 Datasheet
249Kb / 5P
WR-FFC Flat Flexible Cable
001.002
686608100001 WURTH-686608100001 Datasheet
249Kb / 5P
WR-FFC Flat Flexible Cable
001.002
686608200001 WURTH-686608200001 Datasheet
249Kb / 5P
WR-FFC Flat Flexible Cable
001.002
686610152001 WURTH-686610152001 Datasheet
249Kb / 5P
WR-FFC Flat Flexible Cable
001.002
686612100001 WURTH-686612100001 Datasheet
249Kb / 5P
WR-FFC Flat Flexible Cable
001.002
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com