Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

F1206B0R25FW/STR Datasheet(PDF) 9 Page - AVX Corporation

Part # F1206B0R25FW/STR
Description  SMD Thin-Film Fuse
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

F1206B0R25FW/STR Datasheet(HTML) 9 Page - AVX Corporation

Back Button F1206B0R25FW/STR Datasheet HTML 5Page - AVX Corporation F1206B0R25FW/STR Datasheet HTML 6Page - AVX Corporation F1206B0R25FW/STR Datasheet HTML 7Page - AVX Corporation F1206B0R25FW/STR Datasheet HTML 8Page - AVX Corporation F1206B0R25FW/STR Datasheet HTML 9Page - AVX Corporation F1206B0R25FW/STR Datasheet HTML 10Page - AVX Corporation F1206B0R25FW/STR Datasheet HTML 11Page - AVX Corporation F1206B0R25FW/STR Datasheet HTML 12Page - AVX Corporation F1206B0R25FW/STR Datasheet HTML 13Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
15
Accu-Guard® II
SMD Thin-Film Fuse
0.15A
0.25A
0.375A
0.50A
0.75A
1.00A
1.25A
1.5A
1.75A
2.0A
2.5A
3.0A
10-1
1
10
0.1
1
10
Current, Amp
100
10-2
10-3
10-4
10-5
10-6
FUSE TIME - CURRENT CHARACTERISTICS
FOR TYPE F0603C (TYPICAL)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com