Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP2987IM-3.3 Datasheet(PDF) 18 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP2987IM-3.3
Description  Micropower, 200 mA Ultra Low-Dropout Voltage Regulator with Programmable Power-On Reset Delay; Low Noise Version Available (LP2988)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP2987IM-3.3 Datasheet(HTML) 18 Page - National Semiconductor (TI)

Back Button LP2987IM-3.3 Datasheet HTML 14Page - National Semiconductor (TI) LP2987IM-3.3 Datasheet HTML 15Page - National Semiconductor (TI) LP2987IM-3.3 Datasheet HTML 16Page - National Semiconductor (TI) LP2987IM-3.3 Datasheet HTML 17Page - National Semiconductor (TI) LP2987IM-3.3 Datasheet HTML 18Page - National Semiconductor (TI) LP2987IM-3.3 Datasheet HTML 19Page - National Semiconductor (TI) LP2987IM-3.3 Datasheet HTML 20Page - National Semiconductor (TI) LP2987IM-3.3 Datasheet HTML 21Page - National Semiconductor (TI) LP2987IM-3.3 Datasheet HTML 22Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
Basic Application Circuits (Continued)
10001706
*Capacitance value shown is minimum required to assure stability, but may be increased without limit. Larger output capacitor provides improved dynamic
response.
**Shutdown must be actively terminated (see Application Hints). Tie to INPUT (pin 4) if not used.
Application Hints
LLP Package Devices
The LP2987/LP2988 is offered in the 8 lead LLP surface
mount package to allow for increased power dissipation
compared to the SO-8 and Mini SO-8. For details on thermal
performance as well as mounting and soldering specifica-
tions, refer to Application Note AN-1187.
EXTERNAL CAPACITORS
As with any low-dropout regulator, external capacitors are
required to assure stability. These capacitors must be cor-
rectly selected for proper performance.
INPUT CAPACITOR: An input capacitor (
≥ 2.2 µF) is re-
quired between the LP2987/8 input and ground (amount of
capacitance may be increased without limit).
This capacitor must be located a distance of not more than
0.5” from the input pin and returned to a clean analog
ground. Any good quality ceramic or tantalum may be used
for this capacitor.
OUTPUT CAPACITOR: The output capacitor must meet the
requirement for minimum amount of capacitance and also
have an appropriate E.S.R. (equivalent series resistance)
value.
Curves are provided which show the allowable ESR range
as a function of load current for 3V and 5V outputs.
ESR Curves For 5V Output
10001707
ESR Curves For 3V Output
10001708
www.national.com
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com