Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM29LV033C Datasheet(PDF) 4 Page - Advanced Micro Devices

Part # AM29LV033C
Description  32 Megabit (4 M x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV033C Datasheet(HTML) 4 Page - Advanced Micro Devices

  AM29LV033C Datasheet HTML 1Page - Advanced Micro Devices AM29LV033C Datasheet HTML 2Page - Advanced Micro Devices AM29LV033C Datasheet HTML 3Page - Advanced Micro Devices AM29LV033C Datasheet HTML 4Page - Advanced Micro Devices AM29LV033C Datasheet HTML 5Page - Advanced Micro Devices AM29LV033C Datasheet HTML 6Page - Advanced Micro Devices AM29LV033C Datasheet HTML 7Page - Advanced Micro Devices AM29LV033C Datasheet HTML 8Page - Advanced Micro Devices AM29LV033C Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 48 page
background image
Am29LV033C
3
TABLE OF CONTENTS
Distinctive Characteristics . . . . . . . . . . . . . . . . . . . 1
General Description . . . . . . . . . . . . . . . . . . . . . . . . 2
Product Selector Guide . . . . . . . . . . . . . . . . . . . . . 4
Block Diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
Connection Diagrams . . . . . . . . . . . . . . . . . . . . . . . 5
Pin Configuration . . . . . . . . . . . . . . . . . . . . . . . . . . 7
Logic Symbol . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
Ordering Information . . . . . . . . . . . . . . . . . . . . . . . 8
Standard Products .................................................. 8
Device Bus Operations . . . . . . . . . . . . . . . . . . . . . . 9
Table 1. Am29LV033C Device Bus Operations ............9
Requirements for Reading Array Data ................... 9
Writing Commands/Command Sequences ............ 9
Accelerated Program Operation ........................... 10
Program and Erase Operation Status .................. 10
Standby Mode ...................................................... 10
Automatic Sleep Mode ......................................... 10
RESET#: Hardware Reset Pin ............................. 10
Output Disable Mode ............................................ 11
Table 2. Am29LV033C Sector Address Table ............11
Autoselect Mode ................................................... 13
Table 3. Am29LV033C Autoselect Codes
(High Voltage Method) ................................................13
Sector/Sector Block Protection and Unprotection 13
Table 4. Sector Block Addresses for
Protection/Unprotection ...............................................14
Temporary Sector/Sector Block Unprotect ........... 14
Figure 1. Temporary Sector Unprotect Operation....... 14
Figure 2. In-System Sector Protect/
Unprotect Algorithms................................................... 15
Hardware Data Protection .................................... 16
Low V
CC Write Inhibit ............................................ 16
Write Pulse “Glitch” Protection ............................. 16
Logical Inhibit ....................................................... 16
Power-Up Write Inhibit ......................................... 16
Common Flash Memory Interface (CFI) . . . . . . . 16
Table 5. CFI Query Identification String ......................16
Table 6. System Interface String .................................17
Table 7. Device Geometry Definition ..........................17
Table 8. Primary Vendor-Specific Extended Query ....18
Command Definitions . . . . . . . . . . . . . . . . . . . . . . 19
Reading Array Data .............................................. 19
Reset Command .................................................. 19
Autoselect Command Sequence .......................... 19
Byte Program Command Sequence ..................... 19
Unlock Bypass Command Sequence ................... 20
Accelerated Program Operations ......................... 20
Figure 3. Program Operation ...................................... 20
Chip Erase Command Sequence ......................... 20
Sector Erase Command Sequence ...................... 21
Erase Suspend/Erase Resume Commands ......... 21
Figure 4. Erase Operation........................................... 22
Table 9. Am29LV033C Command Definitions ...........23
Write Operation Status . . . . . . . . . . . . . . . . . . . . . 24
DQ7: Data# Polling ............................................... 24
Figure 5. Data# Polling Algorithm................................ 24
RY/BY#: Ready/Busy# ......................................... 25
DQ6: Toggle Bit I .................................................. 25
DQ2: Toggle Bit II ................................................. 25
Reading Toggle Bits DQ6/DQ2 ............................ 25
DQ5: Exceeded Timing Limits .............................. 26
DQ3: Sector Erase Timer ..................................... 26
Figure 6. Toggle Bit Algorithm ..................................... 26
Table 10. Write Operation Status ................................27
Absolute Maximum Ratings . . . . . . . . . . . . . . . . 28
Operating Ranges . . . . . . . . . . . . . . . . . . . . . . . . 28
DC Characteristics . . . . . . . . . . . . . . . . . . . . . . . . 29
CMOS Compatible ............................................... 29
Zero Power Flash ................................................. 30
Figure 9. I
CC1 Current vs. Time (Showing Active
and Automatic Sleep Currents) ................................... 30
Figure 10. Typical I
CC1 vs. Frequency ......................... 30
Test Conditions . . . . . . . . . . . . . . . . . . . . . . . . . . 31
Figure 11. Test Setup.................................................. 31
Table 11. Test Specifications ......................................31
Key to Switching Waveforms . . . . . . . . . . . . . . . 31
Figure 12. Input Waveforms and
Measurement Levels ................................................... 31
AC Characteristics . . . . . . . . . . . . . . . . . . . . . . . . 32
Read Operations .................................................. 32
Figure 13. Read Operations Timings .......................... 32
Hardware Reset (RESET#) .................................. 33
Figure 14. RESET# Timings........................................ 33
Erase/Program Operations ................................... 34
Figure 15. Program Operation Timings ....................... 35
Figure 16. Accelerated Program Timing Diagram ....... 35
Figure 17. Chip/Sector Erase Operation Timings........ 36
Figure 18. Data# Polling Timings (During
Embedded Algorithms) ................................................ 37
Figure 19. Toggle Bit Timings (During
Embedded Algorithms)................................................ 37
Figure 20. DQ2 vs. DQ6.............................................. 37
Figure 21. Temporary Sector/Sector
Block Unprotect Timing Diagram................................. 38
Figure 22. Sector Protect/Unprotect
Timing Diagram ........................................................... 39
Figure 23. Alternate CE# Controlled Write
Operation Timings ....................................................... 41
Erase and Programming Performance . . . . . . . 42
Latchup Characteristics . . . . . . . . . . . . . . . . . . . 42
TSOP Pin Capacitance . . . . . . . . . . . . . . . . . . . . 42
Data Retention . . . . . . . . . . . . . . . . . . . . . . . . . . . 42
Physical Dimensions . . . . . . . . . . . . . . . . . . . . . . 43
TS 040—40-Pin Standard TSOP ......................... 43
TSR040—40-Pin Reverse TSOP ........................ 44
FBD063—63-Ball Fine-Pitch Ball Grid Array
(FBGA) 8 x 14 mm ............................................... 45
Revision Summary . . . . . . . . . . . . . . . . . . . . . . . . 46
Revision B (January 3, 2000) ............................... 46
Revision B+1 (February 21, 2000) ....................... 46
Revision B+2 (November 7, 2000) ....................... 46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com