Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MM5451 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM5451
Description  LED Display Drivers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM5451 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  MM5451 Datasheet HTML 1Page - National Semiconductor (TI) MM5451 Datasheet HTML 2Page - National Semiconductor (TI) MM5451 Datasheet HTML 3Page - National Semiconductor (TI) MM5451 Datasheet HTML 4Page - National Semiconductor (TI) MM5451 Datasheet HTML 5Page - National Semiconductor (TI) MM5451 Datasheet HTML 6Page - National Semiconductor (TI) MM5451 Datasheet HTML 7Page - National Semiconductor (TI) MM5451 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Functional Description
Both the MM5450 and the MM5451 are specifically de-
signed to operate 4- or 5-digit alphanumeric displays with
minimal interface with the display and the data source Seri-
al data transfer from the data source to the display driver is
accomplished with 2 signals serial data and clock Using a
format of a leading ‘‘1’’ followed by the 35 data bits allows
data transfer without an additional load signal The 35 data
bits are latched after the 36th bit is complete thus providing
non-multiplexed direct drive to the display Outputs change
only if the serial data bits differ from the previous time Dis-
play brightness is determined by control of the output cur-
rent for LED displays A 0001 capacitor should be connect-
ed to brightness control pin 19 to prevent possible oscilla-
tions
A block diagram is shown in
Figure 1 For the MM5450 a
DATA ENABLE is used instead of the 35th output The
DATA ENABLE input is a metal option for the MM5450 The
output current is typically 20 times greater than the current
into pin 19 which is set by an external variable resistor
There is an internal limiting resistor of 400
X nominal value
Figure 4 shows the input data format A start bit of logical
‘‘1’’ precedes the 35 bits of data At the 36th clock a LOAD
signal is generated synchronously with the high state of the
clock which loads the 35 bits of the shift registers into the
latches At the low state of the clock a RESET signal is
generated which clears all the shift registers for the next set
of data The shift registers are static master-slave configura-
tion There is no clear for the master portion of the first shift
register thus allowing continuous operation
There must be a complete set of 36 clocks or the shift regis-
ters will not clear
When the chip first powers ON an internal power ON reset
signal is generated which resets all registers and all latches
The START bit and the first clock return the chip to its nor-
mal operation
Figure 2 shows the pin-out of the MM5450 and MM5451 Bit
1 is the first bit following the start bit and it will appear on pin
18 A logical ‘‘1’’ at the input will turn on the appropriate
LED
Figure 3 shows the timing relationships between data clock
and DATA ENABLE A max clock frequency of 05 MHz is
assumed
For applications where a lesser number of outputs are used
it is possible to either increase the current per output or
operate the part at higher than 1V VOUT The following
equation can be used for calculations
Tj e (VOUT)(ILED) (No of segments)(iJA) a TA
where
Tj e junction temperature 150 C max
VOUT e the voltage at the LED driver outputs
ILED e the LED current
iJA e thermal coefficient of the package
TA e ambient temperature
iJA (Socket Mount) e 54 CW
iJA (Board Mount) e 49 CW
The above equation was used to plot
Figure 5 Figure 6 and
Figure 7
TLF6136 – 4
FIGURE 3
4



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com