| Electronic Components Datasheet Search |
|
AM29F032B-150SI Datasheet(PDF) 9 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM29F032B-150SI Datasheet(HTML) 9 Page - Advanced Micro Devices |
|
9 / 39 page ![]() 8 Am29F032B DEVICE BUS OPERATIONS This section describes the requirements and use of the device bus operations, which are initiated through the internal command register. The command register it- self does not occupy any addressable memory loca- tion. The register is composed of latches that store the commands, along with the address and data informa- tion needed to execute the command. The contents of the register serve as inputs to the internal state ma- chine. The state machine outputs dictate the function of the device. The appropriate device bus operations table lists the inputs and control levels required, and the resulting output. The following subsections describe each of these operations in further detail. Table 1. Am29F032B Device Bus Operations Legend: L = Logic Low = V IL, H = Logic High = VIH, VID = 12.0 ± 0.5 V, X = Don’t Care, DIN = Data In, DOUT = Data Out, AIN = Address In Note: See the sections Sector Group Protection and Temporary Sector Unprotect for more information. Requirements for Reading Array Data To read array data from the outputs, the system must drive the CE# and OE# pins to V IL. CE# is the power control and selects the device. OE# is the output con- trol and gates array data to the output pins. WE# should remain at V IH. The internal state machine is set for reading array data upon device power-up, or after a hardware reset. This ensures that no spurious alteration of the memory content occurs during the power transition. No com- mand is necessary in this mode to obtain array data. Standard microprocessor read cycles that assert valid addresses on the device address inputs produce valid data on the device data outputs. The device remains enabled for read access until the command register contents are altered. See “Reading Array Data” for more information. Refer to the AC Read Operations table for timing specifica- tions and to the Read Operations Timings diagram for the timing waveforms. I CC1 in the DC Characteristics table represents the active current specification for reading array data. Writing Commands/Command Sequences To write a command or command sequence (which in- cludes programming data to the device and erasing sectors of memory), the system must drive WE# and CE# to V IL, and OE# to VIH. An erase operation can erase one sector, multiple sec- tors, or the entire device. The Sector Address Tables indicate the address space that each sector occupies. A “sector address” consists of the address bits re- quired to uniquely select a sector. See the “Writing specific address and data commands or sequences into the command register initiates device operations. The Command Definitions table defines the valid reg- ister command sequences. Writing incorrect address and data values or writing them in the improper se- quence resets the device to reading array data.” sec- tion for details on erasing a sector or the entire chip, or suspending/resuming the erase operation. After the system writes the autoselect command se- quence, the device enters the autoselect mode. The system can then read autoselect codes from the inter- nal register (which is separate from the memory array) on DQ7–DQ0. Standard read cycle timings apply in this mode. Refer to the “Autoselect Mode” and “Au- toselect Command Sequence” sections for more infor- mation. I CC2 in the DC Characteristics table represents the ac- tive current specification for the write mode. The “AC Operation CE# OE# WE# RESET# A0–A21 DQ0–DQ7 Read L L H H A IN D OUT Write L H L H A IN D IN CMOS Standby V CC ± 0.5 V X X V CC ± 0.5 V X High-Z TTL Standby H X X H X High-Z Output Disable L H H H X High-Z Hardware Reset X X X L X High-Z Temporary Sector Unprotect (See Note) XX X V ID A IN D IN |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |