Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

1206100VF104F4Z2A Datasheet(PDF) 4 Page - AVX Corporation

Part # 1206100VF104F4Z2A
Description  Automotive MLCC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

1206100VF104F4Z2A Datasheet(HTML) 4 Page - AVX Corporation

  1206100VF104F4Z2A Datasheet HTML 1Page - AVX Corporation 1206100VF104F4Z2A Datasheet HTML 2Page - AVX Corporation 1206100VF104F4Z2A Datasheet HTML 3Page - AVX Corporation 1206100VF104F4Z2A Datasheet HTML 4Page - AVX Corporation 1206100VF104F4Z2A Datasheet HTML 5Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
61
012517
Automotive MLCC - X7R
Capacitance Range
Letter
AC
EG
J
K
M
N
P
Q
XY
Z
Max.
0.33
0.56
0.71
0.90
0.94
1.02
1.27
1.40
1.52
1.78
2.29
2.54
2.79
Thickness
(0.013)
(0.022)
(0.028)
(0.035)
(0.037)
(0.040)
(0.050)
(0.055)
(0.060)
(0.070)
(0.090)
(0.100)
(0.110)
PAPER
EMBOSSED
0402
0603
0805
1206
1210
1812
2220
Soldering
Reflow/Wave
Reflow/Wave
Reflow/Wave
Reflow/Wave
Reflow Only
Reflow Only
Reflow Only
16V
25V
50V
10V
16V
25V
50V
100V 200V 250V
16V
25V
50V
100V 200V 250V
16V
25V
50V
100V 200V 250V 500V
16V
25V
50V
100V
50V
100V
25V
50V 100V
221 Cap 220
C
C
C
271 (pF)
270
C
C
C
331
330
C
C
C
391
390
C
C
C
471
470
C
C
C
561
560
C
C
C
681
680
C
C
C
821
820
C
C
C
102
1000
C
C
C
G
GGGGG
JJJJJJJJJJJJJ
KKKKKK
182
1800
C
C
C
G
GGGGG
JJJJJJJJJJJJJ
KKKKKK
222
2200
C
C
C
G
GGGGG
JJJJJJJJJJJJJ
KKKKKK
332
3300
C
C
C
G
GGGGG
JJJJJJJJJJJJJ
KKKKKK
472
4700
C
C
C
G
GGGGG
JJJJJJJJJJJJJ
KKKKKK
103 Cap 0.01
C
G
GGGGG
JJJJJJJJJJJJJ
KKKKKK
123 (μF) 0.012
C
G
G
G
J
J
J
M
JJJJJJJJ
KKKKKK
153
0.015
C
G
G
G
J
J
J
M
JJJJJJJJ
KKKKKK
183
0.018
C
G
G
G
J
J
J
M
JJJJJJJJ
KKKKKK
223
0.022
C
G
G
G
J
J
J
M
JJJJJJJJ
KKKKKK
273
0.027
C
G
G
G
J
J
J
M
JJJJJJJJ
KKKKKK
333
0.033
C
G
G
G
J
J
J
M
JJJJJJJJ
KKKKKK
473
0.047
G
G
G
J
J
J
M
JJJJJ
M
J
J
KKKKKK
563
0.056
G
G
G
J
J
J
M
J
J
J
M
J
J
K
K
K
M
K
K
683
0.068
G
G
G
J
J
J
M
J
J
J
M
J
J
K
K
K
M
K
K
823
0.082
G
G
G
J
J
J
M
J
J
J
M
J
J
K
K
K
M
K
K
104
0.01
G
G
G
J
J
M
M
J
J
J
M
J
J
K
K
K
M
K
K
124
0.12
JJ
M
N
JJ
M
M
K
K
K
P
K
K
154
0.15
MNMN
J
J
M
M
K
K
K
P
K
K
224
0.22
G
MNMN
J
M
M
Q
M
M
M
P
M
M
334
0.33
N
NMN
J
M
P
Q
P
P
P
Q
X
X
474
0.47
N
NMN
M
M
P
Q
P
P
P
Q
X
X
684
0.68
NNN
M
Q
Q
Q
P
P
Q
X
X
X
105
1
NNN
M
Q
Q
Q
P
Q
Q
X
X
X
155
1.5
Q
Q
Q
P
Q
ZZXX
225
2.2
Q
Q
Q
XZZZZZ
335
3.3
Q
Q
XZZZZ
475
4.7
Q
Q
XZZZZ
Z
106
10
ZZ
Z
Z
226
22
Z
16V
25V
50V
10V
16V
25V
50V
100V 200V 250V
16V
25V
50V
100V 200V 250V
16V
25V
50V
100V 200V 250V 500V
16V
25V
50V
100V
50V
100V
25V
50V 100V
0402
0603
0805
1206
1210
1812
2220



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com