Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PDA012A-350C-R Datasheet(PDF) 1 Page - Phihong USA Inc.

Part # PDA012A-350C-R
Description  High Reliability 12W LED Driver PDA012X Series for Indoor and Architectural Lighting
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHIHONG [Phihong USA Inc.]
Direct Link  http://www.phihongusa.com
Logo PHIHONG - Phihong USA Inc.

PDA012A-350C-R Datasheet(HTML) 1 Page - Phihong USA Inc.

  PDA012A-350C-R Datasheet HTML 1Page - Phihong USA Inc. PDA012A-350C-R Datasheet HTML 2Page - Phihong USA Inc. PDA012A-350C-R Datasheet HTML 3Page - Phihong USA Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Revised 1/20/2015
WWW.PHIHONG.COM
High Reliability 12W LED Driver
PDA012X Series for Indoor and Architectural Lighting
Features
 OVP, OCP, OTP, Short-Circuit Protection
& Brownout Protection
 Very High Reliability
 Safe Extra Low Voltage (SELV)
 Class 2 Output per UL1310
 100-136V & 185-304V Input Ranges
 ≥0.9 Power Factor Correction
 8 Year Warranty on –H Models
 3 Year Warranty on Standard Models
Applications
 Indoor
 Architectural
Safety Approvals
 cUL/ UL8750
 CE
Mechanical Characteristics
 Length: 132mm (5.2in)
 Height: 22mm (0.9in)
 Width: 30mm (1.2in)
 Weight: 150g (5.3oz)
Output Specifications
Notes (1): Models with –H feature longer lifespan; see MTBF on page 2 for more information
Phihong is not responsible for any error, and reserves the right to make changes without notice. Please visit our website at www.phihong.com for the
most up-to-date specifications and contact information.
Model
(1)
Input Voltage Range
Output Voltage Range
Constant
Current
Output
Power
Min.
Max.
Min.
Max.
PDA012A-350C
185V
304V
20V
34.4V
350mA
12W
PDA012A-350C-H
185V
304V
20V
34.4V
350mA
12W
PDA012B-350C
100V
136V
20V
34.4V
350mA
12W
PDA012B-350C-H
100V
136V
20V
34.4V
350mA
12W


Similar Part No. - PDA012A-350C-R

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PDA012A-350C-H PHIHONG-PDA012A-350C-H Datasheet
123Kb / 3P
High Reliability 12W LED Driver for Indoor and Architectural Lighting
PDA012A-350C-H PHIHONG-PDA012A-350C-H Datasheet
123Kb / 3P
High Reliability 12W LED Driver PDA012X Series for Indoor and Architectural Lighting
More results

Similar Description - PDA012A-350C-R

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PDA012A-350C PHIHONG-PDA012A-350C Datasheet
123Kb / 3P
High Reliability 12W LED Driver for Indoor and Architectural Lighting
logo
OSRAM GmbH
LCBCRBP-JXKX-3B6B-1 OSRAM-LCBCRBP-JXKX-3B6B-1 Datasheet
990Kb / 22P
Architectural Lighting indoor
LSH9PP-HYJY-1-1 OSRAM-LSH9PP-HYJY-1-1 Datasheet
728Kb / 22P
Architectural Lighting indoor and outdoor
LTCQBP-KYLX-36-1 OSRAM-LTCQBP-KYLX-36-1 Datasheet
939Kb / 21P
Architectural Lighting indoor
LVCQBP-JZLX-BD-1 OSRAM-LVCQBP-JZLX-BD-1 Datasheet
987Kb / 23P
Architectural Lighting indoor
logo
Phihong USA Inc.
PDA012B-350C-R PHIHONG-PDA012B-350C-R Datasheet
123Kb / 3P
High Reliability 12W LED Driver PDA012X Series for Indoor and Architectural Lighting
logo
OSRAM GmbH
LRW5SM OSRAM-LRW5SM Datasheet
611Kb / 21P
Architectural Lighting indoor and outdoor
KRDMLQ31.23 OSRAM-KRDMLQ31.23 Datasheet
710Kb / 21P
Architectural Lighting indoor and outdoor
KRDMLS31.23 OSRAM-KRDMLS31.23 Datasheet
732Kb / 22P
Architectural Lighting indoor and outdoor
LVCQBP OSRAM-LVCQBP_18 Datasheet
1,011Kb / 23P
Architectural Lighting indoor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com