Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM29F016-120FIB Datasheet(PDF) 28 Page - Advanced Micro Devices

Part # AM29F016-120FIB
Description  16-Megabit (2,097,152 x 8-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F016-120FIB Datasheet(HTML) 28 Page - Advanced Micro Devices

Back Button AM29F016-120FIB Datasheet HTML 24Page - Advanced Micro Devices AM29F016-120FIB Datasheet HTML 25Page - Advanced Micro Devices AM29F016-120FIB Datasheet HTML 26Page - Advanced Micro Devices AM29F016-120FIB Datasheet HTML 27Page - Advanced Micro Devices AM29F016-120FIB Datasheet HTML 28Page - Advanced Micro Devices AM29F016-120FIB Datasheet HTML 29Page - Advanced Micro Devices AM29F016-120FIB Datasheet HTML 30Page - Advanced Micro Devices AM29F016-120FIB Datasheet HTML 31Page - Advanced Micro Devices AM29F016-120FIB Datasheet HTML 32Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
28
Am29F016
SWITCHING WAVEFORMS
18805D-13
Figure 9.
Program Operation Timings
DOUT
PD
tAH
tRC
Data Polling
tDF
tOH
tCE
tOE
tDS
tCS
tWPH
tDH
tWP
tGHWL
Addresses
CE
OE
WE
Data
5.0 Volt
Notes:
1. PA is address of the memory location to be programmed.
2. PD is data to be programmed at byte address.
3. DQ7 is the output of the complement of the data written to the device.
4. DOUT is the output of the data written to the device.
5. Figure indicates last two bus cycles of four bus cycle sequence.
tWC
tAS
DQ7
5555H
PA
A0H
tWHWH1
PA
3rd Bus Cycle
tAH
tAS
tWP
tCS
tDH
5555H
2AAAH
SA
CE
OE
WE
Data
VCC
AAH
55H
80H
AAH
55H
10H/30H
tWPH
Addresses
2AAAH
tVCS
tDS
5555H
tGHWL
18805D-14
Figure 10.
AC Waveforms Chip/Sector Erase Operations
Note:
SA is the sector address for Sector Erase. Addresses = don’t care for Chip Erase.
5555H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com