Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FVT50A Datasheet(PDF) 5 Page - Vishay Siliconix

Part # FVT50A
Description  Wirewound Resistor, Industrial Power, Vitreous Coated, Fixed Tubular
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

FVT50A Datasheet(HTML) 5 Page - Vishay Siliconix

  FVT50A Datasheet HTML 1Page - Vishay Siliconix FVT50A Datasheet HTML 2Page - Vishay Siliconix FVT50A Datasheet HTML 3Page - Vishay Siliconix FVT50A Datasheet HTML 4Page - Vishay Siliconix FVT50A Datasheet HTML 5Page - Vishay Siliconix FVT50A Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
FVT
www.vishay.com
Vishay Huntington
Revision: 03-Jun-16
5
Document Number: 31838
For technical questions, contact: ww2dresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
NON-INDUCTIVE
Models of equivalent physical and electrical specifications are available with non-inductive (Ayrton-Perry) winding. They are
identified by adding the letters “NI” to the end of the part number in the special section. For non-inductive models the maximum
resistance values are lower, see Standard Electrical Specifications table.
TECHNICAL SPECIFICATIONS
PARAMETER
UNIT
RESISTOR CHARACTERISTICS
Power Rating
W
5 to 225
Resistance Range
0.1 to 645K
Resistance Tolerance
%
5
Temperature Coefficient
ppm/°C
± 260 for 20
 and above, ± 400 for 1  to 19.99 
Operating Temperature
°C
-55 °C to 350°C
Temperature Rise
°C
325 °C above an ambient of 25 °C
Maximum Altitude
f.a.s.l.
10 000
Short-Term Overload
-
10x rated power for 5 s
Surge Windings
Available
Maximum Working Voltage
-
(P x R)0.5
Insultation Resistance
1M
Dielectric Voltage
VRMS
1000 VAC
Creepage
Varies by wattage, see “Terminal Setback” in Dimensions table
Terminal Sleeves
n/a
Inductance
μH
Varies by wattage and resistance
Non-Inductive Winding
Available
Terminal Strength
lb
10 lbs
Electrical or Mechanical Customization
Contact factory: ww2dresistors@vishay.com
MATERIAL SPECIFICATIONS
Element
Copper-nickel alloy or nickel-chrome alloy, depending on resistance value
Core
Cordierite, steatite
Coating
Special high temperature vitreous enamel
Standard Terminals
Tinned alloy 42
Optional Terminals
Alloy 42
Terminal Bands
Alloy 42
Part Marking
HEI, model, wattage, value, tolerance, date code
DERATING
AMBIENT TEMPERATURE IN °C
120
100
80
60
40
20
0
25
0
300
250
200
150
100
50
350



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com