Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MM54C10 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM54C10
Description  Quad 2-Input NAND Gate, Quad 2-Input NOR Gate, Hex Inverter, Triple 3-Input NAND Gate, Dual 4-Input NAND Gate
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM54C10 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  MM54C10 Datasheet HTML 1Page - National Semiconductor (TI) MM54C10 Datasheet HTML 2Page - National Semiconductor (TI) MM54C10 Datasheet HTML 3Page - National Semiconductor (TI) MM54C10 Datasheet HTML 4Page - National Semiconductor (TI) MM54C10 Datasheet HTML 5Page - National Semiconductor (TI) MM54C10 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Absolute Maximum Ratings
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Voltage at Any Pin
b
03V to VCC a 03V
Operating Temperature Range
54C
b
55 Cto a125 C
74C
b
40 Cto a85 C
Storage Temperature Range
b
65 Cto a150 C
Operating VCC Range
30V to 15V
Maximum VCC Voltage
18V
Power Dissipation (PD)
Dual-In-Line
700 mW
Small Outline
500 mW
Lead Temperature
(Soldering 10 seconds)
300 C
DC Electrical Characteristics
MinMax limits apply across the guaranteed temperature range unless otherwise noted
Symbol
Parameter
Conditions
Min
Typ
Max
Units
CMOS TO CMOS
VIN(1)
Logical ‘‘1’’ Input Voltage
VCC e 50V
35
V
VCC e 10V
80
V
VIN(0)
Logical ‘‘0’’ Input Voltage
VCC e 50V
15
V
VCC e 10V
20
V
VOUT(1)
Logical ‘‘1’’ Output Voltage
VCC e 50V IO eb10 mA
45
V
VCC e 10V IO eb10 mA
90
V
VOUT(0)
Logical ‘‘0’’ Output Voltage
VCC e 50V IO e 10 mA
05
V
VCC e 10V IO e 10 mA
10
V
IIN(1)
Logical ‘‘1’’ Input Current
VCC e 15V VIN e 15V
0005
10
m
A
IIN(0)
Logical ‘‘0’’ Input Current
VCC e 15V VIN e 0V
b
10
b
0005
m
A
ICC
Supply Current
VCC e 15V
001
15
m
A
LOW POWER TO CMOS
VIN(1)
Logical ‘‘1’’ Input Voltage
54C VCC e 45V
VCC b 15
V
74C VCC e 475V
VCC b 15
V
VIN(0)
Logical ‘‘0’’ Input Voltage
54C VCC e 45V
08
V
74C VCC e 475V
08
V
VOUT(1)
Logical ‘‘1’’ Output Voltage
54C VCC e 45V IO eb10 mA
44
V
74C VCC e 475V IO eb10 mA
44
V
VOUT(0)
Logical ‘‘0’’ Output Voltage
54C VCC e 45V IO e 10 mA
04
V
74C VCC e 475V IO e 10 mA
04
V
CMOS TO LOW POWER
VIN(1)
Logical ‘‘1’’ Input Voltage
54C VCC e 45V
40
V
74C VCC e 475V
40
V
VIN(0)
Logical ‘‘0’’ Input Voltage
54C VCC e 45V
10
V
74C VCC e 475V
10
V
VOUT(1)
Logical ‘‘1’’ Output Voltage
54C VCC e 45V IO eb360 mA
24
V
74C VCC e 475V IO eb360 mA
24
V
VOUT(0)
Logical ‘‘0’’ Output Voltage
54C VCC e 45V IO e 360 mA
04
V
74C VCC e 475V IO e 360 mA
04
V
OUTPUT DRIVE (see 54C74C Family Characteristics Data Sheet) TA e 25 C (short circuit current)
ISOURCE
Output Source Current
VCC e 50V VIN(0) e 0V VOUT e 0V
b
175
mA
ISOURCE
Output Source Current
VCC e 10V VIN(0) e 0V VOUT e 0V
b
80
mA
ISINK
Output Sink Current
VCC e 50V VIN(1) e 50V VOUT e VCC
175
mA
ISINK
Output Sink Current
VCC e 10V VIN(1) e 10V VOUT e VCC
80
mA
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com