Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HFD2N60F Datasheet(PDF) 4 Page - SemiHow Co.,Ltd.

Part # HFD2N60F
Description  600V N-Channel MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

HFD2N60F Datasheet(HTML) 4 Page - SemiHow Co.,Ltd.

  HFD2N60F Datasheet HTML 1Page - SemiHow Co.,Ltd. HFD2N60F Datasheet HTML 2Page - SemiHow Co.,Ltd. HFD2N60F Datasheet HTML 3Page - SemiHow Co.,Ltd. HFD2N60F Datasheet HTML 4Page - SemiHow Co.,Ltd. HFD2N60F Datasheet HTML 5Page - SemiHow Co.,Ltd. HFD2N60F Datasheet HTML 6Page - SemiHow Co.,Ltd. HFD2N60F Datasheet HTML 7Page - SemiHow Co.,Ltd. HFD2N60F Datasheet HTML 8Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Figure 7. Breakdown Voltage Variation
vs Temperature
Figure 8. On-Resistance Variation
vs Temperature
Figure 9. Maximum Safe Operating Area
Figure 10. Maximum Drain Current
vs Case Temperature
Figure 11. Transient Thermal Response Curve
Typical Characteristics (continued)
t
2
t
1
P
DM
10
0
10
1
10
2
10
3
10
-1
10
0
10
1
10 s
100 ms
DC
10 ms
1 ms
100 s
Operation in This Area
is Limited by R
DS(on)
* Notes :
1. T
C = 25
oC
2. T
J = 150
oC
3. Single Pulse
V
DS, Drain-Source Voltage [V]
25
50
75
100
125
150
0.0
0.5
1.0
1.5
2.0
T
C, Case Temperature [
oC]
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
-2
10
-1
10
0
* Notes :
1. Z
JC(t) = 2.98
oC/W Max.
2. Duty Factor, D=t
1/t2
3. T
JM - TC = PDM * Z JC(t)
single pulse
D=0.5
0.02
0.2
0.05
0.1
0.01
t
1, Square Wave Pulse Duration [sec]
-100
-50
0
50
100
150
200
0.8
0.9
1.0
1.1
1.2
Note :
1. V
GS = 0 V
2. I
D = 250 A
T
J, Junction Temperature [
oC]
-100
-50
0
50
100
150
200
0.0
0.5
1.0
1.5
2.0
2.5
Note :
1. V
GS = 10 V
2. I
D = 1 A
T
J, Junction Temperature [
oC]



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com