Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HFD2N65F Datasheet(PDF) 1 Page - SemiHow Co.,Ltd.

Part # HFD2N65F
Description  650V N-Channel MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

HFD2N65F Datasheet(HTML) 1 Page - SemiHow Co.,Ltd.

  HFD2N65F Datasheet HTML 1Page - SemiHow Co.,Ltd. HFD2N65F Datasheet HTML 2Page - SemiHow Co.,Ltd. HFD2N65F Datasheet HTML 3Page - SemiHow Co.,Ltd. HFD2N65F Datasheet HTML 4Page - SemiHow Co.,Ltd. HFD2N65F Datasheet HTML 5Page - SemiHow Co.,Ltd. HFD2N65F Datasheet HTML 6Page - SemiHow Co.,Ltd. HFD2N65F Datasheet HTML 7Page - SemiHow Co.,Ltd. HFD2N65F Datasheet HTML 8Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
HFU2N65F / HFD2N65F
650V N-Channel MOSFET
Oct 2016
Parameter
Value
Unit
BVDSS
650
V
ID
2A
RDS(on), Typ
4
Qg,Typ
6.5
nC
Key Parameters
Features
Absolute Maximum Ratings T
C=25
unless otherwise specified
Symbol
Parameter
Value
Unit
V
DSS
Drain-Source Voltage
650
V
I
D
Drain Current
– Continuous (T
C = 25
)
2.0 *
A
Drain Current
– Continuous (T
C = 100
)
1.3 *
A
I
DM
Drain Current
– Pulsed
(Note 1)
8.0 *
A
V
GS
Gate-Source Voltage
30
V
E
AS
Single Pulsed Avalanche Energy
(Note 2)
110
mJ
I
AR
Avalanche Current
(Note 1)
2.0
A
E
AR
Repetitive Avalanche Energy
(Note 1)
4.2
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
4.5
V/ns
P
D
Power Dissipation (T
A = 25
)*
2.5
W
Power Dissipation (T
C = 25
)
- Derate above 25
42
W
0.34
W/
T
J, TSTG
Operating and Storage Temperature Range
-55 to +150
T
L
Maximum lead temperature for soldering purposes,
1/8” from case for 5 seconds
300
Symbol
Parameter
Value
Unit
R
JC
Junction-to-Case, Max.
2.98
/W
R
JA
Junction-to-Ambient (minimum pad of 2 oz copper), Max.
110
/W
R
JA
Junction-to-Ambient (* 1 in2 pad of 2 oz copper), Max.
50
/W
Thermal Resistance Characteristics
HFU2N65F
TO-251
HFD2N65F
TO-252
Symbol
G
D
S
G
D
S
Originative New Design
Very Low Intrinsic Capacitances
Excellent Switching Characteristics
100% Avalanche Tested
RoHS Compliant
* Drain current limited by maximum junction temperature


Similar Part No. - HFD2N65F

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HFD2N65F SEMIHOW-HFD2N65F Datasheet
211Kb / 8P
600V N-Channel MOSFET
More results

Similar Description - HFD2N65F

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA7N65C FAIRCHILD-FQA7N65C Datasheet
722Kb / 8P
650V N-Channel MOSFET
FDP15N65 FAIRCHILD-FDP15N65 Datasheet
1Mb / 10P
650V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFD5N65S SEMIHOW-HFD5N65S Datasheet
991Kb / 8P
650V N-Channel MOSFET
HFP2N65 SEMIHOW-HFP2N65 Datasheet
872Kb / 7P
650V N-Channel MOSFET
HFP4N65 SEMIHOW-HFP4N65 Datasheet
802Kb / 8P
650V N-Channel MOSFET
HFP8N65S SEMIHOW-HFP8N65S Datasheet
873Kb / 8P
650V N-Channel MOSFET
HFS2N65 SEMIHOW-HFS2N65 Datasheet
868Kb / 7P
650V N-Channel MOSFET
HFS4N65 SEMIHOW-HFS4N65 Datasheet
848Kb / 7P
650V N-Channel MOSFET
HFS10N65S SEMIHOW-HFS10N65S Datasheet
906Kb / 7P
650V N-Channel MOSFET
HFU2N65 SEMIHOW-HFU2N65 Datasheet
876Kb / 7P
650V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com