Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HFD3N90 Datasheet(PDF) 3 Page - SemiHow Co.,Ltd.

Part # HFD3N90
Description  900V N-Channel MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

HFD3N90 Datasheet(HTML) 3 Page - SemiHow Co.,Ltd.

  HFD3N90 Datasheet HTML 1Page - SemiHow Co.,Ltd. HFD3N90 Datasheet HTML 2Page - SemiHow Co.,Ltd. HFD3N90 Datasheet HTML 3Page - SemiHow Co.,Ltd. HFD3N90 Datasheet HTML 4Page - SemiHow Co.,Ltd. HFD3N90 Datasheet HTML 5Page - SemiHow Co.,Ltd. HFD3N90 Datasheet HTML 6Page - SemiHow Co.,Ltd. HFD3N90 Datasheet HTML 7Page - SemiHow Co.,Ltd. HFD3N90 Datasheet HTML 8Page - SemiHow Co.,Ltd. HFD3N90 Datasheet HTML 9Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
◎ SEMIHOW REV.A0,April 2017
Typical Characteristics
Figure 1. On Region Characteristics
Figure 2. Transfer Characteristics
Figure 3. On Resistance Variation vs
Drain Current and Gate Voltage
Figure 4. Body Diode Forward Voltage
Variation with Source Current
and Temperature
Figure 5. Capacitance Characteristics
Figure 6. Gate Charge Characteristics
10
0
10
1
10
-1
10
0
10
1
∗ Note :
1. 250us Pulse Test
2. T
C = 25
oC
V
GS
Top :
15 V
10 V
8 V
7 V
6 V
5.5 V
5 V
Bottom : 4.5 V
V
DS , Drain-Source Voltage [V]
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1E-5
1E-4
1E-3
0.01
0.1
1
10
V
SD, Source-Drain Voltage [V]
25
oC
∗ Notes :
1. V
GS= 0V
2. 300us Pulse Test
125
oC
0.1
1
10
0
200
400
600
800
1000
1200
1400
C
iss = Cgs + Cgd (Cds = shorted)
C
oss = Cds + Cgd
C
rss = Cgd
∗ Note :
1. V
GS = 0 V
2. f = 1 MHz
C
rss
C
oss
C
iss
V
DS, Drain-Source Voltage [V]
0
4
8
12
16
20
0
2
4
6
8
10
12
∗ Note : I
D = 3.0 A
Q
G, Total Gate Charge [nC]
V
DS = 450V
V
DS = 180V
V
DS = 720V
2
4
6
8
10
10
-1
10
0
10
1
-55
oC
V
GS, Gate-Source Voltage [V]
25
oC
∗ Notes :
1. V
DS= 50V
2. 300us Pulse Test
150
oC



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com