Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EVAL6235PD Datasheet(PDF) 5 Page - STMicroelectronics

Part # EVAL6235PD
Description  L6235 three-phase brushless DC motor driver demonstration board
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EVAL6235PD Datasheet(HTML) 5 Page - STMicroelectronics

  EVAL6235PD Datasheet HTML 1Page - STMicroelectronics EVAL6235PD Datasheet HTML 2Page - STMicroelectronics EVAL6235PD Datasheet HTML 3Page - STMicroelectronics EVAL6235PD Datasheet HTML 4Page - STMicroelectronics EVAL6235PD Datasheet HTML 5Page - STMicroelectronics EVAL6235PD Datasheet HTML 6Page - STMicroelectronics EVAL6235PD Datasheet HTML 7Page - STMicroelectronics EVAL6235PD Datasheet HTML 8Page - STMicroelectronics EVAL6235PD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
EVAL6235PD
Board description
Doc ID 022128 Rev 1
5/10
Table 4.
EVAL6235PD component list
Part reference
Part value
Part description
C1
100µF – 63V
Electrolytic capacitor
C2
220nF – 100V
Ceramic capacitor
C3
10nF – 25V
Ceramic capacitor
C4, C10
220nF – 50V
Ceramic capacitor
C5
10µF – 16V
Electrolytic capacitor
C6
5.6nF – 50V
Ceramic capacitor
C7
1nF – 50V
Ceramic capacitor
C8
820pF – 50V
Ceramic capacitor
C9
10nF – 50V
Ceramic capacitor
C11
68nF – 50V
Ceramic capacitor
C12
100nF – 50V
Ceramic capacitor
D1
BAT46SW (1)
1.
Alternative part number BAV99
Low drop diode couple
D2
BZX384C5V1
Zener diode
R1
700W - 0.6
Ω – 1%
Resistor
R2
330k
Ω - 1/4W
Resistor
R3, R4, R7÷R9
10k
Ω - 1/4W – 5%
Resistor
R5
100
Ω - 1/4W
Resistor
R6
56k
Ω - 1/4W
Resistor
R10, R11
100k
Ω - 74W
Trimmer
R12, R14
470m
Ω- 1W
Resistor
R16
1M
Ω
Resistor
R17
20k
Ω - 1/4W – 1%
Resistor
R18
4.7k
Ω - 1/4W
Resistor
R19
5.6k
Ω - 1/4W – 1%
Resistor
R20
2.2k
Ω - 1/4W
Resistor
R21, R15
1 k
Ω - 1/4W
Resistor
R22
5k
Ω - 74W
Trimmer
U1
L6235PD
3-phase BLDC DMOS motor driver
U2
LM358
Low power dual operational amplifier



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com