Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EVAL6574B Datasheet(PDF) 5 Page - STMicroelectronics

Part # EVAL6574B
Description  CFL/TL ballast driver preheat and dimming demonstration board based on the L6574
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EVAL6574B Datasheet(HTML) 5 Page - STMicroelectronics

  EVAL6574B Datasheet HTML 1Page - STMicroelectronics EVAL6574B Datasheet HTML 2Page - STMicroelectronics EVAL6574B Datasheet HTML 3Page - STMicroelectronics EVAL6574B Datasheet HTML 4Page - STMicroelectronics EVAL6574B Datasheet HTML 5Page - STMicroelectronics EVAL6574B Datasheet HTML 6Page - STMicroelectronics EVAL6574B Datasheet HTML 7Page - STMicroelectronics EVAL6574B Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
EVAL6574B
Board description
DocID024443 Rev 1
5/8
Reference
Part value
Part description
C4
680 nF
Capacitor 50 V
C5
100 nF
Capacitor 50 V
C6
22 µF
Electrolytic capacitor, 450 V low ESR
C7
4.7 µF
Electrolytic capacitor, 35 V
C8
100 nF
Capacitor 50 V
C9
8.2 nF
Capacitor 50 V
C10
4.7 nF
Capacitor 50 V
C11
680 pF
Film capacitor 630 Vdc
C12
100 nF
Capacitor 50 V
C13
1 µF
Capacitor 50 V
C14
100 nF
Capacitor 50 V
C15
330 nF
Capacitor 50 V
C16
470 nF
Capacitor 50 V
C17
100 nF
Polypropilene capacitor 250 Vdc
C18
8.2 nF
Polypropilene capacitor 1600 Vdc
C19
100 nF
Capacitor 50 V
F1
T 2A
Fuse 250 Vac
– 2 A
T1
PFC transformer: 1.88 mH, 138 : 13 turns, core E25
– N87 or eq.
L2
2.1 mH
Ballast inductor: 2 mH, 146 turns, core E25
– N87 or eq.
B1
W04M
Rectifier bridge 4 A
– 600 V
D1
1N4148
Diode
D2
STTH1L06
Turbo 2 ultrafast high voltage rectifier
D3
1N4148
Diode
D4
1N4148
Diode
D5
1N4148
Diode
DZ1
BZX79C15
15 V Zener diode
U1
L6562
PFC controller
U2
L6574
Ballast controller
Q1
STP5NK50Z
N-channel 500 V
– 1.22 Ω Zener-protected SuperMESH™ Power
MOSFET
Q2
STP4NK50Z
N-channel 500 V
– 2.4 Ω Zener-protected SuperMESH™ Power
MOSFET
Q3
STP4NK50Z
N-channel 500 V
– 2.4 Ω Zener-protected SuperMESH™ Power
MOSFET
CN1
3 way PCB connector 250 Vac, Pin distance 5.08 mm
CN2
5 way PCB connector 250 Vac Pin distance 5.08 mm



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com