Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EVLHVLED815W15 Datasheet(PDF) 4 Page - STMicroelectronics

Part # EVLHVLED815W15
Description  15 W high power factor LED driver based on HVLED815PF
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EVLHVLED815W15 Datasheet(HTML) 4 Page - STMicroelectronics

  EVLHVLED815W15 Datasheet HTML 1Page - STMicroelectronics EVLHVLED815W15 Datasheet HTML 2Page - STMicroelectronics EVLHVLED815W15 Datasheet HTML 3Page - STMicroelectronics EVLHVLED815W15 Datasheet HTML 4Page - STMicroelectronics EVLHVLED815W15 Datasheet HTML 5Page - STMicroelectronics EVLHVLED815W15 Datasheet HTML 6Page - STMicroelectronics EVLHVLED815W15 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Board description
EVLHVLED815W15
4/7
DocID025159 Rev 1
Table 3. Bill of material
Part reference
Part value
Part description
BD1
HD06-T
600 V - 0.8 A
C1
B32921C3473
47 nF - X2
C2
B32921C3333
47 nF - X2
C3
C3216X7R2J222K
2.2 nF - 630 V - X7R
C4
C2012X5R1E106K
10
F - 25 V - X5R
C5
C1608X5R1A106K
10
F - 10 V - X5R
C6
470 nF -10 V
C7
1 nF - 25 V
C8
100 nF - 25 V
C9
1 nF
C10
GA342DR7GF102KW02L
1000 pF - 250 V
C11
GA342DR7GF102KW02L
1000 pF - 250 V
C12
N. M.
C12A
B41888D6157M
150
F - 50 V
C13
C3216X5R1H106K
10
F - 50 V - X5R
C14
N. M.
C15
C3216X5R1H106K
10
F - 50 V - X5R
C16
N. M.
C16A
B41888D6157M
150
F - 50 V
C19
C2012X5R1H225K
2.2
F - 50 V - X5R
D1
STTH1L06A
1 A - 600 V
D2
1N4148
D3
STPS3150UF
3 A - 150 V
D5
1N4148
D6
1N4148
F1
MCMSF 1 A 250 V
1 A - 250 V
L1
B82144A2474J000
680
H
R1
150 k
R2
1.5
- 1%
R3
2.2
- 1%
R4
560
- 1%
R5
24 k
 - 1%
R6
30 k
- 1%
R7
12 k
R8
180 k
 - 1%



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com