Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ESDA6V1P6 Datasheet(PDF) 4 Page - STMicroelectronics

Part # ESDA6V1P6
Description  QUAD TRANSIL™ ARRAY FOR ESD PROTECTION
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDA6V1P6 Datasheet(HTML) 4 Page - STMicroelectronics

  ESDA6V1P6 Datasheet HTML 1Page - STMicroelectronics ESDA6V1P6 Datasheet HTML 2Page - STMicroelectronics ESDA6V1P6 Datasheet HTML 3Page - STMicroelectronics ESDA6V1P6 Datasheet HTML 4Page - STMicroelectronics ESDA6V1P6 Datasheet HTML 5Page - STMicroelectronics ESDA6V1P6 Datasheet HTML 6Page - STMicroelectronics ESDA6V1P6 Datasheet HTML 7Page - STMicroelectronics ESDA6V1P6 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ESDA6V1P6
4/8
TECHNICAL INFORMATION
IC
to be
protected
I/O2
I/O1
I/O4
I/O3
Fig. A1: Application example.
With the focus of lowering the operation levels, the
problem of malfunction caused by the environment
is critical. Electrostatic discharge (ESD) is a major
cause of failure in electronic systems.
As a transient voltage suppressor, ESDA6V1P6 is
an ideal choice for ESD protection by suppressing
ESD events. It
is capable of clamping the
incoming transient to a low enough level such that
any damage is prevented on the device protected
by ESDA6V1P6.
ESDA6V1P6 serves as a parallel protection
elements, connected between the signal line and
ground. As the transient rises above the operating
voltage of the device, the ESDA6V1P6 becomes a
low impedance path diverting the transient current
to ground.
1. ESD protection by ESDA6V1P6
The clamping voltage is given by the following formula:
VCL =VBR +Rd.IPP
As shown in figure A2, the ESD strikes are clamped by the transient voltage suppressor.
Rd
RG
VG
VBR
V(i/o)
Device
to be
protected
ESD surge
ESD6V1P6
IPP
RLOAD
Fig. A2: ESD clamping behavior.
To have a good approximation of the remaining voltages at both Vi/o side, we provide the typical dynamical
resistance value Rd. By taking into account the following hypothesis:
RG >Rd and Rload >Rd
we have:
()
Vi o
V
R
V
R
BR
d
g
g
/
=+
×
The results of the calculation done VG = 8kV, RG = 330
Ω (IEC61000-4-2 standard), VBR = 6.4V (typ.) and
Rd = 1.5
Ω (typ.) give:
()
V i o
Volts
/.
= 42 8
This confirms the very low remaining voltage across the device to be protected. It is also important to note
that in this approximation the parasitic inductance effect was not taken into account. This could be a few
tenths of volts during a few ns at the Vi/o side.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com