Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC56AP60X Datasheet(PDF) 89 Page - STMicroelectronics

Part # SPC56AP60X
Description  32-bit Power Architecture® based MCU with 1088KB Flash memory and 80KB RAM for automotive chassis and safety applications
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC56AP60X Datasheet(HTML) 89 Page - STMicroelectronics

Back Button SPC56AP60X Datasheet HTML 85Page - STMicroelectronics SPC56AP60X Datasheet HTML 86Page - STMicroelectronics SPC56AP60X Datasheet HTML 87Page - STMicroelectronics SPC56AP60X Datasheet HTML 88Page - STMicroelectronics SPC56AP60X Datasheet HTML 89Page - STMicroelectronics SPC56AP60X Datasheet HTML 90Page - STMicroelectronics SPC56AP60X Datasheet HTML 91Page - STMicroelectronics SPC56AP60X Datasheet HTML 92Page - STMicroelectronics SPC56AP60X Datasheet HTML 93Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 105 page
background image
DocID18340 Rev 6
89/105
SPC56xP54x, SPC56xP60x
Electrical characteristics
104
Figure 25. Nexus output timing
Figure 26. Nexus event trigger and test clock timings
6
tNTDIS
CC D TDI data setup time
6
ns
tNTMSS
CC D TMS data setup time
6
ns
7
tNTDIH
CC D TDI data hold time
10
ns
tNTMSH
CC D TMS data hold time
10
ns
8tTDOV
CC D TCK low to TDO data valid
35
ns
9tTDOI
CC D TCK low to TDO data invalid
6
ns
1. All values need to be confirmed during device validation.
2. Lower frequency is required to be fully compliant to standard.
Table 39. Nexus debug port timing(1) (continued)
No.
Symbol
C
Parameter
Value
Unit
Min
Typ
Max
1
3
4
MCKO
MDO
MSEO
EVTO
Output Data Valid
2
TCK
5
EVTI
EVTO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com