Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC56AP54x Datasheet(PDF) 82 Page - STMicroelectronics

Part # SPC56AP54x
Description  32-bit Power Architecture® based MCU with 1088KB Flash memory and 80KB RAM for automotive chassis and safety applications
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC56AP54x Datasheet(HTML) 82 Page - STMicroelectronics

Back Button SPC56AP54x Datasheet HTML 78Page - STMicroelectronics SPC56AP54x Datasheet HTML 79Page - STMicroelectronics SPC56AP54x Datasheet HTML 80Page - STMicroelectronics SPC56AP54x Datasheet HTML 81Page - STMicroelectronics SPC56AP54x Datasheet HTML 82Page - STMicroelectronics SPC56AP54x Datasheet HTML 83Page - STMicroelectronics SPC56AP54x Datasheet HTML 84Page - STMicroelectronics SPC56AP54x Datasheet HTML 85Page - STMicroelectronics SPC56AP54x Datasheet HTML 86Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 105 page
background image
Electrical characteristics
SPC56xP54x, SPC56xP60x
82/105
DocID18340 Rev 6
3. The maximum program and erase times occur after the specified number of program/erase cycles. These maximum values
are characterized but not guaranteed.
4. Actual hardware programming times. This does not include software overhead.
5. Typical bank programming time assumes that all cells are programmed in a single pulse. In reality some cells will require
more than one pulse, adding a small overhead to total bank programming time (see Initial Max column).
6. Time between erase suspend resume and next erase suspend.
Table 34. Flash memory module life
Symbol
Parameter
Conditions
Value
Unit
Min
Typ
P/E
C
Number of program/erase cycles per block
for 16 KB blocks over the operating
temperature range (TJ)
100000
100000 cycles
P/E
C
Number of program/erase cycles per block
for 32 KB blocks over the operating
temperature range (TJ)
10000
100000 cycles
P/E
C
Number of program/erase cycles per block
for 64 KB blocks over the operating
temperature range (TJ)
10000
100000 cycles
P/E
C
Number of program/erase cycles per block
for 128 KB blocks over the operating
temperature range (TJ)
1000
100000 cycles
Retention C
Minimum data retention at 85 °C average
ambient temperature(1)
Blocks with 0 – 1000
P/E cycles
20
years
Blocks with 10000 P/E
cycles
10
years
Blocks with 100000 P/E
cycles
5
years
1. Ambient temperature averaged over duration of application, not to exceed recommended product operating temperature
range.
Table 35. Flash read access timing
Symbol
C
Parameter
Conditions(1)
1. VDD = 3.3 V ± 10% / 5.0 V ± 10%, TA = –40 to 125 °C, unless otherwise specified.
Max
Unit
Fmax
C
Maximum working frequency for Code Flash
at given number of WS in worst conditions
2 wait states
66
MHz
0 wait states
22
Fmax
C
Maximum working frequency for Data Flash at
given number of WS in worst conditions
8 wait states
66
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com